Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

USBUF01P6 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza USBUF01P6
Descripción Electrónicos  EMI filter and line termination for USB upstream ports
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF01P6 Datasheet(HTML) 6 Page - STMicroelectronics

  USBUF01P6 Datasheet HTML 1Page - STMicroelectronics USBUF01P6 Datasheet HTML 2Page - STMicroelectronics USBUF01P6 Datasheet HTML 3Page - STMicroelectronics USBUF01P6 Datasheet HTML 4Page - STMicroelectronics USBUF01P6 Datasheet HTML 5Page - STMicroelectronics USBUF01P6 Datasheet HTML 6Page - STMicroelectronics USBUF01P6 Datasheet HTML 7Page - STMicroelectronics USBUF01P6 Datasheet HTML 8Page - STMicroelectronics USBUF01P6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Technical information
USBUF01P6
6/9
This confirms the very low remaining voltage across the device to be protected. It is also
important to note that in this approximation the parasitic inductance effect was not taken into
account. This could be few tenths of volts during few ns at the Vinput side. This parasitic
effect is not present at the Voutput side due the low current involved after the resistance Rt.
The measurements done hereafter show very clearly (Figure 7.a) the high efficiency of the
ESD protection:
–
no influence of the parasitic inductances on Voutput stage
–Voutput clamping voltage very close to VBR (breakdown voltage) in the positive way
and -VF (forward voltage) in the negative way
Figure 7.
Remaining voltage at both stages S1 (Vinput) and S2 (Voutput) during ESD
surge.
Please note that the USBUF01P6 is not only acting for positive ESD surges but also for
negative ones. For these kinds of disturbances it clamps close to ground voltage as shown
in Figure 7.b.
a: Positive surge
b: Negative surge



Html Pages

1 2 3 4 5 6 7 8 9