Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STMPE1601 Datasheet(PDF) 58 Page - STMicroelectronics

No. de pieza STMPE1601
Descripción Electrónicos  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STMPE1601_1 Datasheet HTML 53Page - STMicroelectronics STMPE1601_1 Datasheet HTML 54Page - STMicroelectronics STMPE1601_1 Datasheet HTML 55Page - STMicroelectronics STMPE1601_1 Datasheet HTML 56Page - STMicroelectronics STMPE1601_1 Datasheet HTML 57Page - STMicroelectronics STMPE1601_1 Datasheet HTML 58Page - STMicroelectronics STMPE1601_1 Datasheet HTML 59Page - STMicroelectronics STMPE1601_1 Datasheet HTML 60Page - STMicroelectronics STMPE1601_1 Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
Package mechanical data
STMPE1601
58/61
16
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Figure 11. TFBGA25 package outline
Table 25.
TFBGA25 mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
1.0
1.1
1.16
39.4
43.3
45.7
A1
0.25
9.8
A2
0.78
0.86
30.7
33.9
b
0.25
0.30
0.35
9.8
11.8
13.8
D
2.9
3.0
3.1
114.2
118.1
122.0
D1
2
78.8
E
2.9
3.0
3.1
114.2
118.1
122.0
E1
2
78.8
e
0.5
19.7
SE
0.25
9.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com