| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC125ATTR Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74LVC125ATTR Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() 74LVC125A 3/12 Table 5: Recommended Operating Conditions 1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2V at VCC = 3.0V Table 6: DC Specifications Symbol Parameter Value Unit VCC Supply Voltage (note 1) 1.65 to 3.6 V VI Input Voltage 0 to 5.5 V VO Output Voltage (High Impedance or VCC = 0V) 0 to 5.5 V VO Output Voltage (High or Low State) 0 to VCC V IOH, IOL High or Low Level Output Current (VCC = 3.0 to 3.6V) ± 24 mA IOH, IOL High or Low Level Output Current (VCC = 2.7 to 3.0V) ± 12 mA IOH, IOL High or Low Level Output Current (VCC = 2.3 to 2.7V) ± 8mA IOH, IOL High or Low Level Output Current (VCC = 1.65 to 2.3V) ± 4mA Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time (note 2) 0 to 10 ns/V Symbol Parameter Test Condition Value Unit VCC (V) -40 to 85 °C -55 to 125 °C Min. Max. Min. Max. VIH High Level Input Voltage 1.65 to 1.95 0.65VCC 0.65VCC V 2.3 to 2.7 1.7 1.7 2.7 to 3.6 2 2 VIL Low Level Input Voltage 1.65 to 1.95 0.35VCC 0.35VCC V 2.3 to 2.7 0.7 0.7 2.7 to 3.6 0.8 0.8 VOH High Level Output Voltage 1.65 to 3.6 IO=-100 µAVCC-0.2 VCC-0.2 V 1.65 IO=-4 mA 1.2 1.2 2.3 IO=-8 mA 1.7 1.7 2.7 IO=-12 mA 2.2 2.2 3.0 IO=-18 mA 2.4 2.4 3.0 IO=-24 mA 2.2 2.2 VOL Low Level Output Voltage 1.65 to 3.6 IO=100 µA 0.2 0.2 V 1.65 IO=4 mA 0.45 0.45 2.3 IO=8 mA 0.7 0.7 2.7 IO=12 mA 0.4 0.4 3.0 IO=24 mA 0.55 0.55 II Input Leakage Current 3.6 VI = 0 to 5.5V ± 5 ± 5 µA Ioff Power Off Leakage Current 0 VI or VO = 5.5V 10 10 µA IOZ High Impedance Output Leakage Current 3.6 VI = VIH or VIL VO = 0 to 5.5V ± 5 ± 5 µA ICC Quiescent Supply Current 3.6 VI = VCC or GND 10 10 µA VI or VO = 3.6 to 5.5V ± 10 ± 10 ∆I CC ICC incr. per Input 2.7 to 3.6 VIH = VCC-0.6V 500 500 µA |