| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STLC60133 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC60133 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() STLC60133 2/9 PIN CONNECTION ABSOLUTE MAXIMUM RATINGS THERMAL DATA Symbol Parameter Value Unit VCC Positive Supply voltage (note1) +16.5 V VSS Negative Supply voltage (note1) -16.5 V Vid Differential Input Voltage (note2) ±5 V Vi Common mode Input Voltage ±1 V Top Operating Free Air Temperature Range -40 to +85 °C Tstg Storage temperature -65 to +150 °C Tj Junction temperature 150 °C Symbol Parameter Value Unit Rthj-amb Thermal resistance junction to ambient (note 3) 29 °C/W RES N.C. N.C. IN2P IN2N +VS OUT2 +VS OUT1 DGND -VS -VS PWDN1 BIAS N.C. N.C. N.C. RES 1 3 2 4 5 6 7 8 9 26 25 24 23 22 20 21 19 27 10 28 IN1N N.C. D00TL463A IN1P N.C N.C. N.C. N.C. PWDN0 11 12 13 18 16 17 15 14 N.C. N.C. |