| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS321AIDT Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS321AIDT Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 13 page ![]() Absolute maximum ratings and operating conditions TS321 4/13 Table 2. Operating conditions Symbol Parameter Value Unit VCC + Supply voltage 3 to 30 V Vicm Common mode input voltage range (VCC += 30 V) Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 0 to VCC + -1.5 0 to VCC + -2 V Toper Operating free-air temperature range -40 to +125 °C |