Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL082ACN Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza TL082ACN
Descripción Electrónicos  General purpose JFET dual operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL082ACN Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TL082ACN Datasheet HTML 8Page - STMicroelectronics TL082ACN Datasheet HTML 9Page - STMicroelectronics TL082ACN Datasheet HTML 10Page - STMicroelectronics TL082ACN Datasheet HTML 11Page - STMicroelectronics TL082ACN Datasheet HTML 12Page - STMicroelectronics TL082ACN Datasheet HTML 13Page - STMicroelectronics TL082ACN Datasheet HTML 14Page - STMicroelectronics TL082ACN Datasheet HTML 15Page - STMicroelectronics TL082ACN Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package information
TL082 TL082A TL082B
12/17
6.1
DIP8 package information
Figure 22.
DIP8 package mechanical drawing
Table 4.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17