Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST490AB Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza ST490AB
Descripción Electrónicos  Low power high speed RS-485/RS-422 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST490AB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST490AB Datasheet HTML 9Page - STMicroelectronics ST490AB Datasheet HTML 10Page - STMicroelectronics ST490AB Datasheet HTML 11Page - STMicroelectronics ST490AB Datasheet HTML 12Page - STMicroelectronics ST490AB Datasheet HTML 13Page - STMicroelectronics ST490AB Datasheet HTML 14Page - STMicroelectronics ST490AB Datasheet HTML 15Page - STMicroelectronics ST490AB Datasheet HTML 16Page - STMicroelectronics ST490AB Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ST490AB
Package mechanical data
13/17
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.3
0.130
a1
0.7
0.028
B1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b10.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Plastic DIP-8 mechanical data
P001F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17