| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM358N Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM358N Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() Operating conditions LM158-LM258-LM358 4/19 3 Operating conditions Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 3 to 30 V Vicm Common mode input voltage range VCC - -0.3 to V CC + -1.5 V Toper Operating free air temperature range LM158 LM258 LM358 -55 to +125 -40 to +105 0 to +70 °C |