Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LF351 Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza LF351
Descripción Electrónicos  Wide bandwidth single JFET operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF351 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LF351_08 Datasheet HTML 6Page - STMicroelectronics LF351_08 Datasheet HTML 7Page - STMicroelectronics LF351_08 Datasheet HTML 8Page - STMicroelectronics LF351_08 Datasheet HTML 9Page - STMicroelectronics LF351_08 Datasheet HTML 10Page - STMicroelectronics LF351_08 Datasheet HTML 11Page - STMicroelectronics LF351_08 Datasheet HTML 12Page - STMicroelectronics LF351_08 Datasheet HTML 13Page - STMicroelectronics LF351_08 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
LF351
12/14
6.2
SO-8 package information
Figure 25.
SO-8 package mechanical drawing
Table 5.
SO-8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
c
0.17
0.23
0.007
0.010
D
4.80
4.90
5.00
0.189
0.193
0.197
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
1°8°
1°8°
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14