Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6393D Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza L6393D
Descripción Electrónicos  Half-bridge gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393D Datasheet(HTML) 5 Page - STMicroelectronics

  L6393D Datasheet HTML 1Page - STMicroelectronics L6393D Datasheet HTML 2Page - STMicroelectronics L6393D Datasheet HTML 3Page - STMicroelectronics L6393D Datasheet HTML 4Page - STMicroelectronics L6393D Datasheet HTML 5Page - STMicroelectronics L6393D Datasheet HTML 6Page - STMicroelectronics L6393D Datasheet HTML 7Page - STMicroelectronics L6393D Datasheet HTML 8Page - STMicroelectronics L6393D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
L6393
Truth table
5/20
3
Truth table
Note:
X: don’t care
In the L6393 IC the two input signals PHASE and BRAKE are fed into an AND logic port and
the resulting signal is in phase with the high side output HVG and in opposition of phase with
the low side output LVG. This means that if BRAKE is kept to high level, the PHASE signal
drives the half-bridge in phase with the HVG output and in opposition of phase with the LVG
output. If BRAKE is set to low level the low side output LVG is always ON and the high side
output HVG is always OFF, whatever the PHASE signal. This kind of logic interface provides
the possibility to control the power stages using the PHASE signal to select the current
direction in the bridge and the BRAKE signal to perform current slow decay on the low sides.
From the point of view of the logic operations the two signals PHASE and BRAKE are
completely equivalent, that means the two signals can be exchanged without any change in
the behavior on the resulting output signals (see the Block Diagram in Fig.1).
Note: the dead time between the turn OFF of one power switch and the turn ON of the other
power switch is defined by the resistor connected between DT pin and the ground.
Table 3.
Truth table
INPUTS
OUTPUTS
SD
PHASE
BRAKE
LVG
HVG
LX
X
L
L
HL
L
H
L
HL
H
H
L
HH
L
H
L
HHH
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20