| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AT90USB82 Datasheet(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB82 Datasheet(HTML) 20 Page - ATMEL Corporation |
|
20 / 28 page ![]() 20 7618C–AVR–07/08 10. Appendix-B ;*A************************************************************************ ** ; $RCSfile: flash_boot_drv.s90,v $ ;-------------------------------------------------------------------------- -- ; Copyright (c) Atmel. ;-------------------------------------------------------------------------- -- ; RELEASE: $Name: $ ; REVISION: $Revision: 1.7 $ ; FILE_CVSID: $Id: flash_boot_drv.s90,v 1.7 2005/10/03 15:50:12 $ ;-------------------------------------------------------------------------- -- ; PURPOSE: ; This file contains the low level driver for the flash access ;************************************************************************** ** NAMEflash_drv(16) ;_____ I N C L U D E S ______________________________________________________ #define ASM_INCLUDE #include "config.h" ;************************************************************************** ** ; This is the absolute table entry points for low level flash drivers ; This table defines the entry points that can be called ; from the application section to perform on-chip flash operations: ; ; entry_flash_page_erase_and_write: ; R18:17:R16: The byte address of the page ; ; entry_flash_fill_temp_buffer: ; data16 : R16/R17: word to load in the temporary buffer. ; address: R18/R19: address of the word in the temp. buffer. ; ; entry_flash_prg_page: ; R18:17:R16: The byte address of the page ; ; entry_flash_page_erase: ; R18:17:R16: The byte address of the page ; ;************************************************************************** ** ASEG FLASH_END-0x0001B entry_flash_page_erase_and_write: |