Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD4600ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

No. de pieza AD4600ACPZ-R7
Descripción Electrónicos  4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD4600ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD4600ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD4600ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADN4600
Rev. 0 | Page 17 of 17
Table 12. Output Level Programming
VOD (mV)
VD Peak (mV)
PE (dB)
ITOT (mA)
Tx[7:0] Output Level Control 0
Tx[7:0] Output Level Control 1
50
50
0.00
2
0x00
0x81
50
150
9.54
6
0x11
0x81
50
250
13.98
10
0x22
0x81
50
350
16.90
14
0x33
0x81
50
450
19.08
18
0x44
0x81
50
550
20.83
22
0x55
0x81
50
650
22.28
26
0x66
0x81
100
100
0.00
4
0x00
0x91
100
200
6.02
8
0x11
0x91
100
300
9.54
12
0x22
0x91
100
400
12.04
16
0x33
0x91
100
500
13.98
20
0x44
0x91
100
600
15.56
24
0x55
0x91
100
700
16.90
28
0x66
0x91
150
150
0.00
6
0x00
0x92
150
250
4.44
10
0x11
0x92
150
350
7.36
14
0x22
0x92
150
450
9.54
18
0x33
0x92
150
550
11.29
22
0x44
0x92
150
650
12.74
26
0x55
0x92
150
750
13.98
30
0x66
0x92
200
200
0.00
8
0x00
0xA2
200
300
3.52
12
0x11
0xA2
200
400
6.02
16
0x22
0xA2
200
500
7.96
20
0x33
0xA2
200
600
9.54
24
0x44
0xA2
200
700
10.88
28
0x55
0xA2
200
800
12.04
32
0x66
0xA2
250
250
0.00
10
0x00
0xA3
250
350
2.92
14
0x11
0xA3
250
450
5.11
18
0x22
0xA3
250
550
6.85
22
0x33
0xA3
250
650
8.30
26
0x44
0xA3
250
750
9.54
30
0x55
0xA3
250
850
10.63
34
0x66
0xA3
300
300
0.00
12
0x00
0xB3
300
400
2.50
16
0x11
0xB3
300
500
4.44
20
0x22
0xB3
300
600
6.02
24
0x33
0xB3
300
700
7.36
28
0x44
0xB3
300
800
8.52
32
0x55
0xB3
300
900
9.54
36
0x66
0xB3
350
350
0.00
14
0x00
0xB4
350
450
2.18
18
0x11
0xB4
350
550
3.93
22
0x22
0xB4
350
650
5.38
26
0x33
0xB4
350
750
6.62
30
0x44
0xB4
350
850
7.71
34
0x55
0xB4
350
950
8.67
38
0x66
0xB4
400
400
0.00
16
0x00
0xC4
400
500
1.94
20
0x11
0xC4
400
600
3.52
24
0x22
0xC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28