Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NSSM038AT Datasheet(PDF) 13 Page - NICHIA CORPORATION

No. de pieza NSSM038AT
Descripción Electrónicos  TYPE FULL COLOR LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NICHIA [NICHIA CORPORATION]
Página de inicio  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM038AT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NSSM038AT Datasheet HTML 5Page - NICHIA CORPORATION NSSM038AT Datasheet HTML 6Page - NICHIA CORPORATION NSSM038AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM038AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM038AT Datasheet HTML 9Page - NICHIA CORPORATION NSSM038AT Datasheet HTML 10Page - NICHIA CORPORATION NSSM038AT Datasheet HTML 11Page - NICHIA CORPORATION NSSM038AT Datasheet HTML 12Page - NICHIA CORPORATION NSSM038AT Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
The reel and moisture absorbent material are put in the moisture proof foil bag
and then heat sealed.
Label
3in1 LED
TYPE
NSSM038AT
LOT
xxxxxx
QTY
PCS
NICHIA CORPORATION
491 OKA, KAMINAKA, ANAN, TOKUSHIMA,
JAPAN
NICHIA
3in1 LED
TYPE
NSSM038AT
QTY
PCS
NICHIA CORPORATION
491 OKA, KAMINAKA, ANAN, TOKUSHIMA,
JAPAN
NICHIA
The box is partitioned with the
cardboard.
Moisture
absorbent material
Label
Packing unit
Reel/bag
Quantity/bag (pcs)
Moisture proof foil bag
1reel
3,000 MAX.
Cardboard box
Dimensions (mm)
Reel/box
Quantity/box (pcs)
Cardboard box S
291 237 120 8t
5reel MAX.
15,000 MAX.
Cardboard box M
259 247 243 5t
10reel MAX.
30,000 MAX.
Cardboard box L
444 262 259 8t
20reel MAX.
60,000 MAX.
Seal
Moisture proof foil bag
Nichia
LED
Reel
-12-
NICHIA CORPORATION
No.
PACKING
060425652081
Title
Model
NSSM038AT
Nichia STSE-CM60
73A
<Cat.No.060
605>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com