Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST6369 Datasheet(PDF) 56 Page - STMicroelectronics

No. de pieza ST6369
Descripción Electrónicos  8-BIT HCMOS MCU FOR DIGITAL CONTROLLED MULTI FREQUENCYMONITOR
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6369 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST6369 Datasheet HTML 52Page - STMicroelectronics ST6369 Datasheet HTML 53Page - STMicroelectronics ST6369 Datasheet HTML 54Page - STMicroelectronics ST6369 Datasheet HTML 55Page - STMicroelectronics ST6369 Datasheet HTML 56Page - STMicroelectronics ST6369 Datasheet HTML 57Page - STMicroelectronics ST6369 Datasheet HTML 58Page - STMicroelectronics ST6369 Datasheet HTML 59Page - STMicroelectronics ST6369 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
PACKAGE MECHANICAL DATA
Figure 56. ST6369 40 Pin Plastic Dual-In-Line Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.2
4.8
0.086
0.189
A1
0.51
1.77
0.010
0.069
B
0.38
0.58
0.015
0.023
B1
0.97
1.52
0.055
0.065
C
0.2
0.3
0.008
0.009
D
50.30
52.22 1.980
20.560
D1
––––––
E
16.3
0.641
E1
12.9
0.508
K1
––––––
K2
––––––
L
3.18
4.44
1.25
0.174
e1
2.54
0.10
Number of Pins
N40
ORDERING INFORMATION
The fol l owing chapter deal s with the procedure
for transfer the Program/Data ROM codes to SGS-
THOMSON.
Communication of the ROM Codes. To commu-
nicate the contents of Program /Data ROM memo-
ries to SGS-THOMSON, the customer has to send:
– one fil e in INTEL INTELLEC 8/MDS FORMAT
(either as an EPROM or in a MS-DOS 5” disk-
ette) for the PROGRAM Memory
– one fil e in INTEL INTELLEC 8/MDS FORMAT
(either as an EPROM or in a MS-DOS 5” disk-
ette) for the EEPROM initial content (this fil e is
optional )
The program ROM shoul d respect the ROM Mem-
ory Map as in Tabl e 18.
The ROM code must be generated with ST6 as-
sembl er. Before programming the EPROM, the
buffer of the EPROM programmer must be fil l ed
with FFH.
For shipment to SGS-THOMSON the EPROMs
shoul d be pl aced in a conductive IC carrier and
packaging careful l y.
Customer EEPROM Initial Contents:
Format
®
ST6369
52/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71