| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST62T85B Datasheet(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T85B Datasheet(HTML) 70 Page - STMicroelectronics |
|
70 / 76 page ![]() 70/76 ST62T85B/E85B 6.6 TIMER CHARACTERISTICS (TA = -40 to +85°C unless otherwise specified) Note*: When available. 6.7 SPI CHARACTERISTICS (TA = -40 to +85°C unless otherwise specified) 6.8 LCD ELECTRICAL CHARACTERISTICS (TA = -40 to +85°C unless otherwise specified) Notes: 1. The DC offset refers to all segment and common outputs. It is the difference between the measured voltage value and nominal value for every voltage level. 2. An external resistor network is required when VLCD is lower then 4.5V. Symbol Parameter Test Conditions Value Unit Min. Typ. Max. fIN Input Frequency on TIMER Pin* MHz tW Pulse Width at TIMER Pin* VDD = 3.0V VDD >4.5V 1 125 µs ns fINT 8 ---------- Symbol Parameter Test Condi tions Value Unit Min. Typ. Max. FCL Clock Frequency Applied on Scl 1 MHz tSU Set-up Time Applied on Sin 50 ns th Hold Time Applied onSin 100 ns Symbol Parameter Test Conditio ns Value Unit Min. Typ. Max. Vos DC Offset Voltage VLCD = Vdd, no load 50 mV VOH COM High Level, Output Voltage SEG High Level, Output Voltage I=100 µA, V LCD=5V I=50 µA, V LCD=5V 4.5 V VOL COM Low Level, Output Voltage SEG Low Level, Output Voltage I=100 µA, V LCD=5V I=50 µA, V LCD=5V 0.5 VLCD Display Voltage See Note 2 VDD -0.2 10 70 |