| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST6252BB3 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6252BB3 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 68 page ![]() 20/68 ST62T52B ST62T62B/E62B RESETS (Cont’d) Table 6. Register Reset Status Register Address(es) Status Comment Oscillator Control Register EEPROM Control Register Port Data Registers Port Direction Register Port Option Register Interrupt Option Register TIMER Status/Control AR TIMER Mode Control Register AR TIMER Status/Control 1 Register AR TIMER Status/Control 2Register AR TIMER Compare Register Miscellaneous Register 0DCh 0EAh 0C0h to 0C2h 0C4h to 0C6h 0CCh to 0CEh 0C8h 0D4h 0D5h 0D6h 0D7h 0DAh 0DDh 00h fINT = fOSC; user must set bit3 to 1 EEPROM enabled (if available) I/O are Input with pull-up I/O are Input with pull-up I/O are Input with pull-up Interrupt disabled TIMER disabled AR TIMER stopped X, Y, V, W, Register Accumulator Data RAM Data RAM Page REgister Data ROM Window Register EEPROM A/D Result Register AR TIMER Load Register AR TIMER Reload/Capture Register 080H TO 083H 0FFh 084h to 0BFh 0E8h 0C9h 00h to F3h 0D0h 0DBh 0D9h Undefined As written if programmed TIMER Counter Register TIMER Prescaler Register Watchdog Counter Register A/D Control Register 0D3h 0D2h 0D8h 0D1h FFh 7Fh FEh 40h Max count loaded A/D in Standby 20 |