| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST62T46B Datasheet(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T46B Datasheet(HTML) 67 Page - STMicroelectronics |
|
67 / 72 page ![]() 67/72 ST62T46B/E46B GENERAL INFORMATION (Continued) 7.2 PACKAGE THERMAL CHARACTERISTIC 7.3 .ORDERING INFORMATION Table 28. OTP/EPROM VERSION ORDERING INFORMATION Symbol Parameter Test Conditions Value Unit Min. Typ. Max. RthJA Thermal Resistance PSDIP56W 70 °C/W CSDIP56W 70 Sales Type Program Memory (Bytes) I/O Temperature Range Package ST62E46BF1 3884 (EPROM) 12 to 20 0to 70 °C CSDIP56W ST62T46BB6 3884 (OTP) -40 to 85 °C SDIP56 403 |