Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PSD401A2 Datasheet(PDF) 70 Page - STMicroelectronics

No. de pieza PSD401A2
Descripción Electrónicos  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A2 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button PSD401A2 Datasheet HTML 66Page - STMicroelectronics PSD401A2 Datasheet HTML 67Page - STMicroelectronics PSD401A2 Datasheet HTML 68Page - STMicroelectronics PSD401A2 Datasheet HTML 69Page - STMicroelectronics PSD401A2 Datasheet HTML 70Page - STMicroelectronics PSD401A2 Datasheet HTML 71Page - STMicroelectronics PSD401A2 Datasheet HTML 72Page - STMicroelectronics PSD401A2 Datasheet HTML 73Page - STMicroelectronics PSD401A2 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 123 page
background image
PSD4XX Family
67
PSD4XX Family
9.5 Power Management Unit
The PSD4XX provides many power saving options. By configuring the PMMRs
(Power Management Mode Registers), the user can reduce power consumption. Table 18
shows the bit configuration of the PMMR0 and PMMR1. The microcontroller is able to
control the power consumption by changing the PMMR bits at run time.
9.5.1 Standby Mode
There are two Standby Modes in the PSD4XX:
t Power Down Mode
t Sleep Mode
9.5.1.1 Power Down Mode
In this mode, the internal devices are shut down except for the I/O ports and the ZPLD.
There are three ways the PSD4XX can enter into the Power Down Mode: by controlling
the CSI input, by activating the Automatic Power Down (APD) Logic and the ZPLD, or when
none of the inputs are changing and the Turbo bit is off.
t The CSI
The CSI input pin is an active low signal. When low, the signal selects and enables the
PSD4XX. The PSD4XX enters into Power Down Mode immediately when the signal
turns high. This signal can be controlled by the microcontrollers, external logic or it can
be grounded. The CSI input turns off the internal bus buffers in Standby Mode. The
address and control signals from the microcontroller are blocked from entering the ZPLD
as inputs.
t The APD Logic
The APD unit enables the user to enter a power down mode independent of controlling
the CSI input. This feature eliminates the need for external logic (decoders and latches)
to power down the PSD. The APD unit concept is based on tracking the activity on the
ALE pin. If the APD unit is enabled and ALE is not active, the 4-bit APD counter starts
counting and will overflow after 15 clocks, generating a PD (Power Down) signal
powering down the PSD. If sleep mode is enabled, then PD signal will also activate the
sleep mode. Immediately after ALE starts pulsing the PSD will get out of the power down
or sleep mode.
The operation of APD is controlled by the PMMR (see Figure 36a). PMMR1 bit 0 selects
the source of the APD counter clock. After reset the APD counter clock is connected to
PE7 (APD CLK) on the PSD. In order to guarantee that the APD will not overflow there
should be less than 15 APD clocks between two ALE pulses. If CLKIN frequency is
adequate, then it can be connected to the APD and PE7 is used for other functions.
The next step is to select the ALE power down polarity. Usually, MCUs entering power
down will freeze their ALE at logic high or low. By programming bit 1 of PMMR0 the
power down polarity can be defined for the APD. If the APD detects that the ALE is in
the power down polarity for 15 APD counter clocks then the PSD will enter a power
down mode. To enable the APD operation, bit 2 in the PMMR0 should be set high.
9.5.1.2 Sleep Mode
The Sleep Mode is activated if the SLEEP EN bit, the APD EN bit, and the ALE Polarity bit
in the PMMR are set, and the APD Counter has overflowed after 15 clocks (see Figure 36).
In Sleep Mode the PSD4XX consumes less power than the Power Down Mode.
In this mode, the ZPLD still monitors the inputs and responds to them. As soon as the ALE
starts pulsing, the PSD4XX exits the Sleep Mode.
The PSD access time from Sleep Mode is specified by tLVDV1. The ZPLD response time to
an input transition is specified by tLVDV2.
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More