| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST62T18C Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T18C Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 82 page ![]() 6/82 ST62T18C/E18C INTRODUCTION (Cont’d) OTP and EPROM devices are functionally identi- cal. The ROM based versions offer the same func- tionality selecting as ROM options the options de- fined in the programmable option byte of the OTP/ EPROM versions.OTP devices offer all the advan- tages of user programmability at low cost, which make them the ideal choice in a wide range of ap- plications where frequent code changes, multiple code versions or last minute programmability are required. Figure 2. ST62T18C/E18C Pin Configuration These compact low-cost devices feature a Timer 1 2 3 4 5 6 7 8 9 10 11 12 VDD TIMER OSCin OSCout NMI Ain/PB4 TEST/VPP (1) RESET Ain/PB6 VSS PA1* PA2/ARTIMout* PA3/ARTIMin* PA4* PD7/Ain 20 19 18 17 16 15 14 13 Ain/PB5 PA5* PD4/Ain/RXD1 PD5/Ain/TXD1 PD6/Ain (1) V PP on EPROM/OTP only (*) 20 mA Sink 6 |