Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST52T301P Datasheet(PDF) 98 Page - STMicroelectronics

No. de pieza ST52T301P
Descripción Electrónicos  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301P Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST52T301P Datasheet HTML 92Page - STMicroelectronics ST52T301P Datasheet HTML 93Page - STMicroelectronics ST52T301P Datasheet HTML 94Page - STMicroelectronics ST52T301P Datasheet HTML 95Page - STMicroelectronics ST52T301P Datasheet HTML 96Page - STMicroelectronics ST52T301P Datasheet HTML 97Page - STMicroelectronics ST52T301P Datasheet HTML 98Page - STMicroelectronics ST52T301P Datasheet HTML 99Page - STMicroelectronics ST52T301P Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
DIM
mm
inch.
MIN
TYP
MAX
MIN
TYP
MAX
A
17.27
17.78
.680
.662
B
16.33
16.81
.643
.662
C
12.01
.475
C1
13.03
.513
c1
1.30
0.52
D
1.82
2.23
0.72
.088
d1
0.889
.035
d2
2.362
.093
E
16.26
16.76
.640
.660
e
1.27
.050
e3
12.50
.500
F
0.431
.017
F1
0.762
.030
F2
0.965
.038
M
0.508
.020
M1
1.016
.040
R
0.762
.030
CLCC44 PACKAGE MECHANICAL DATA
98/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100