Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST40RA150XHA Datasheet(PDF) 68 Page - STMicroelectronics

No. de pieza ST40RA150XHA
Descripción Electrónicos  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 64Page - STMicroelectronics ST40RA150XHA Datasheet HTML 65Page - STMicroelectronics ST40RA150XHA Datasheet HTML 66Page - STMicroelectronics ST40RA150XHA Datasheet HTML 67Page - STMicroelectronics ST40RA150XHA Datasheet HTML 68Page - STMicroelectronics ST40RA150XHA Datasheet HTML 69Page - STMicroelectronics ST40RA150XHA Datasheet HTML 70Page - STMicroelectronics ST40RA150XHA Datasheet HTML 71Page - STMicroelectronics ST40RA150XHA Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 94 page
background image
ADCS 7260755H
STMicroelectronics
68/94
ST40RA
8 Pin description
EADDR12
U9
MA12
EMI external address
MODE10
E4
O
I
EADDR13
T9
MA13
EMI external address
MODE11
E4
O
I
EADDR14
V11
MA14
EMI external address
MODE12
E4
O
I
EADDR15
U11
MA15
EMI external address
MODE13
E4
O
I
EADDR16
V12
MA16
EMI external address
MODE14
E4
O
I
EADDR17
U12
MA17
EMI external address
MODE15
E4
O
I
EADDR18
U13
MA18
EMI external address
MODE16
E4
O
I
EADDR19
U14
MA19
EMI external address
MODE17
E4
O
I
EADDR20
V15
MA20
EMI external address
MODE18
E4
O
I
EADDR21
U15
MA21
EMI external address
MODE19
E4
O
I
EADDR22
T15
MA22
EMI external address
E4
O
EADDR23
V16
MA23
EMI external address
E4
O
EADDR24
U16
MA24
EMI external address
E4
O
EADDR25
T16
MA25
EMI external address
EMPIDACK1
E4
O
I
EADDR26
V17
MA26
EMI external address
EMPIDACK0
E4
O
I
EDATA0
W4
MD0
External data / MPX address
E4
I/O
EDATA1
Y4
MD1
External data/MPX address
E4
I/O
EDATA2
W5
MD2
External data/MPX address
E4
I/O
EDATA3
Y5
MD3
External data/MPX address
E4
I/O
EDATA4
V6
MD4
External data/MPX address
E4
I/O
EDATA5
W6
MD5
External data/MPX address
E4
I/O
EDATA6
Y6
MD6
External data/MPX address
E4
I/O
EDATA7
V7
MD7
External data/MPX address
E4
I/O
EDATA8
W7
MD8
External data/MPX address
E4
I/O
EDATA9
Y7
MD9
External data/MPX address
E4
I/O
EDATA10
V8
MD10
External data/MPX address
E4
I/O
EDATA11
W8
MD11
External data/MPX address
E4
I/O
EDATA12
Y8
MD12
External data/MPX address
E4
I/O
EDATA13
V9
MD13
External data/MPX address
E4
I/O
EDATA14
Y9
MD14
External data/MPX address
E4
I/O
EDATA15
W9
MD15
External data/MPX address
E4
I/O
EDATA16
W11
MD16
External data/MPX address
E4
I/O
EDATA17
Y11
MD17
External data/MPX address
E4
I/O
EDATA18
W12
MD18
External data/MPX address
E4
I/O
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94