Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST40RA Datasheet(PDF) 65 Page - STMicroelectronics

No. de pieza ST40RA
Descripción Electrónicos  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST40RA Datasheet HTML 61Page - STMicroelectronics ST40RA Datasheet HTML 62Page - STMicroelectronics ST40RA Datasheet HTML 63Page - STMicroelectronics ST40RA Datasheet HTML 64Page - STMicroelectronics ST40RA Datasheet HTML 65Page - STMicroelectronics ST40RA Datasheet HTML 66Page - STMicroelectronics ST40RA Datasheet HTML 67Page - STMicroelectronics ST40RA Datasheet HTML 68Page - STMicroelectronics ST40RA Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
8 Pin description
ST40RA
65/94
STMicroelectronics
ADCS 7260755H
PAD19
J20
PCI_AD19
PCI address and data
P8
I/O
PAD20
J17
PCI_AD20
PCI address and data
P8
I/O
PAD21
J18
PCI_AD21
PCI address and data
P8
I/O
PAD22
H19
PCI_AD22
PCI address and data
P8
I/O
PAD23
H20
PCI_AD23
PCI address and data
P8
I/O
PAD24
H17
PCI_AD24
PCI address and data
P8
I/O
PAD25
H18
PCI_AD25
PCI address and data
P8
I/O
PAD26
G19
PCI_AD26
PCI address and data
P8
I/O
PAD27
G20
PCI_AD27
PCI address and data
P8
I/O
PAD28
G17
PCI_AD28
PCI address and data
P8
I/O
PAD29
G18
PCI_AD29
PCI address and data
P8
I/O
PAD30
F17
PCI_AD30
PCI address and data
P8
I/O
PAD31
F18
PCI_AD31
PCI address and data
P8
I/O
NOTPCBE0
P16
PCI_C/BE0
PCI com and byte enable
P8
I/O
NOTPCBE1
N16
PCI_C/BE1
PCI com and byte enable
P8
I/O
NOTPCBE2
K16
PCI_C/BE2
PCI com and byte enable
P8
I/O
NOTPCBE3
H16
PCI_C/BE3
PCI com and byte enable
P8
I/O
PPAR
M16
PCI_PAR
Parity signal
P8
I/O
NOTPFRAME
K19
NOTPCI_FRAME
PCI beginning access
P8
I/O
NOTPIRDY
K20
NOTPCI_IRDY
PCI initiator ready
P8
I/O
NOTPTRDY
L17
NOTPCI_TRDY
PCI target ready
P8
I/O
NOTPSTOP
L19
NOTPCI_STOP
PCI req stop transfer
P8
I/O
NOTPERR
M17
NOTPCI_PERR
PCI parity error
P8
I/O
NOTPSERR
M18
NOTPCI_SERR
PCI system error
P8
I/O
NOTPDEVSEL
L18
NOTPCI_DEVSEL
PCI device select
P8
I/O
PIDSEL
J16
PCI_IDSEL
PCI initialization device
-
I/O
NOTPRST
R16
NOTPCI_RST
PCI reset
P8
I/O
NOTPLOCK
L20
NOTPLOCK
PCI exclusive access
P8
I
PCLK
F19
PCI_CLK
PCI clock input
P8
I
NOTPREQ0
E18
NOTPCI_REQ0
PCI external request for bus
PIO16
P8
I/O
I/O
NOTPREQ1
E17
NOTPCI_REQ1
PCI external request for bus
PIO18
P8
I
I/O
NOTPREQ2
F16
NOTPCI_REQ2
PCI external request for bus
PIO20
P8
I
I/O
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94