Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BP4CU Datasheet(PDF) 1 Page - Mini-Circuits

No. de pieza BP4CU
Descripción Electrónicos  POWER SPLITTERS/COMBINERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BP4CU Datasheet(HTML) 1 Page - Mini-Circuits

  BP4CU Datasheet HTML 1Page - Mini-Circuits BP4CU Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
132
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
NOTES:
u
Aqueous washable.
o
Non-hermetic
n
Denotes 75 Ohm model
J
When only specification for M range given, specification applies
to entire frequency range.
<
At low range frequency band (f
L to 10fL), linearly derate maximum
power by 13 dB.
;
Maximum VSWR: input 1.5:1, output 1.3:1
†
Adjacent ports, 25°C
*
BLUE CELL™ power splitters protected by U.S patents 5,534,830 and 5,640,132
G
18 dB min. above 900 MHz for BP4C and above 1900 MHz for BP4P
A.
General Quality Control Procedures, Environmental Specifications, Hi-Rel and MIL
description are given in section 0, see “Mini-Circuits Guarantees Quality” article.
B.
Connector types and case mounted options, case finishes are given in section 0,
see “Case styles & Outline Drawings”.
C.
Prices and specifications subject to change without notice.
1.
Absolute maximum power, voltage and current ratings:
1a.
Matched power rating,
Model JS4PS-1W-75 ......................................... 0.250 Watt
Models PSC-4-5, PSC-4-1W, SCP-4-1W-75 ...... 0.5 Watt
JS4PS-9-75, AD4PS-1, JS4PS-1W, SCA-4-10 ..... 0.5 Watt
Models BP4C, BP4P .......................................... 1.5 Watt
Model SCA-4-20 ............................................... 5 Watt
Model SBD-4-25 ................................................ 10 Watt
All other models ............................................... 1 Watt
1b.
Internal load dissipation,
Model JS4PS-1, JS4PS-9-75 .............................. 0.5 Watt
Models SCP-4-1W-75, SCP-4-4-75, ................. 0.375 Watt
BP4C, BP4P, SBD-4-25, JS4PS-1W, SCA-4-10 ... 0.375 Watt
All other models ............................................... 0.250 Watt
PSC-4
PSC-4A
PSC-4-1
0.1-200
33
20
30
20
27
20
0.4
0.6†
0.5
0.75
0.7
1.0
4
6
8
0.15† 0.2
0.25
A01
bf
37.95
PSC-4-1W
1-500
29
20
27
18
25
18
0.4
0.8
0.5
1.0
0.8
1.5
1
3
5
0.2
0.3
0.5
A01
bf
40.95
n PSC-4-1-75
1-200
30
20
25
20
25
20
0.4
0.7
0.5
0.9
0.7
1.2
2
3
4
0.15
0.2
0.3
A01
bf
34.95
PSC-4-3
0.25-250
33
20
30
20
27
20
0.4
0.7
0.5
0.75
0.7
1.2
4
6
8
0.15
0.2
0.25
A01
bf
33.95
PSC-4-5
1-800
29
20
24
18
25
17
0.4
0.8
0.6
1.5
1.3
2.5
1
4
5
0.2
0.5
0.6
A01
bf
47.45
< PSC-4-6
0.01-40
35
18
32
25
25
18
0.4
0.8
0.3
0.5
0.5
1
2
2
2
0.1
0.15
0.2
A01
bf
38.95
PSC-4A-4
10-1000
25
20
21
15
18
15
0.5
0.8
0.8
1.8
1.5
2.5
4
16
20
0.2
0.5
0.7
C07
bg
64.95
;n PSC-4A-1W-75
30-600
27
20
—
—
22
18
0.6
0.8
—
—
0.8
1.1
2
—
5
0.2
—
5
C07
bg
51.95
NSN GUIDE
MCL NO.
NSN
MIL-P-23971/15*
PSC-4-1
5895-01-065-0106
-10
PSC-4-2
5825-01-044-8945
PSC-4-3
5895-01-105-6189
-11
PSC-4-5
5985-01-423-7929
PSC-4-6
5985-01-332-3086
PSC-4A-4
5895-01-347-0205
* units are not QPL listed
ISOLATION
dB
INSERTION LOSS, dB
Above 6dB
PHASE
UNBALANCE
Degrees
f
L-fU
M
Max.
L
Max.
U
Max.
AMPLITUDE
UNBALANCE
dB
U
Max.
M
Max.
L
Max.
FREQ.
RANGE
MHz
MODEL
NO.
M
Typ. Min.
L
Typ. Min.
U
Typ. Min.
L
Typ. Max.
M
Typ. Max.
U
Typ. Max.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-9)
PRICE
$
Note B
50&75
Ω
Plug-In
POWER SPLITTERS/COMBINERS
4 WAY-0° 10 kHz to1000 MHz


Número de pieza similar - BP4CU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
BP4C1 MINI-BP4C1 Datasheet
279Kb / 1P
Power Splitter/Combiner
More results

Descripción similar - BP4CU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
HPQ-04 MINI-HPQ-04 Datasheet
67Kb / 2P
POWER SPLITTERS/COMBINERS
JCPS-8-10 MINI-JCPS-8-10 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
SBTCJ-1W MINI-SBTCJ-1W Datasheet
90Kb / 2P
POWER SPLITTERS/COMBINERS
K1-QCN MINI-K1-QCN Datasheet
279Kb / 1P
POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
POWER SPLITTER/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
Power Splitters & Combiners
REV. OR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com