Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STCF06TBR Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza STCF06TBR
Descripción Electrónicos  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06TBR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STCF06TBR Datasheet HTML 12Page - STMicroelectronics STCF06TBR Datasheet HTML 13Page - STMicroelectronics STCF06TBR Datasheet HTML 14Page - STMicroelectronics STCF06TBR Datasheet HTML 15Page - STMicroelectronics STCF06TBR Datasheet HTML 16Page - STMicroelectronics STCF06TBR Datasheet HTML 17Page - STMicroelectronics STCF06TBR Datasheet HTML 18Page - STMicroelectronics STCF06TBR Datasheet HTML 19Page - STMicroelectronics STCF06TBR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Detailed description
STCF06
16/33
7.10
Multiple flash using internal temporization
This operation has to be processed as a sequence of single flashes using internal
temporization starting from hard or soft triggering. Since the TRIG_EN bit is reset at the end
of each flash, it is necessary to reload the CMD_REG to start the next one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33