Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

700G/TRACK Datasheet(PDF) 2 Page - Fluke Corporation

No. de pieza 700G/TRACK
Descripción Electrónicos  Precision Pressure Test Gauges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FLUKE [Fluke Corporation]
Página de inicio  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

700G/TRACK Datasheet(HTML) 2 Page - Fluke Corporation

  700G/TRACK Datasheet HTML 1Page - Fluke Corporation 700G/TRACK Datasheet HTML 2Page - Fluke Corporation 700G/TRACK Datasheet HTML 3Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Model
Range
Resolution
Accuracy
Burst pressure
Fluke-700G01
-10 to +10 inH2O
-20 mbar to 20 mbar
0.001 inH20
0.001 mbar
Positive pressure
± 0.1 % of range,
Vacuum
± 0.1 % of range
3 psi
210 mbar
Fluke-700G02
-1 to +1 psi
-70 mbar to 70 mbar
0.0001 psi
0.001 mbar
5 psi
350 mbar
Fluke-700G04
-14 psi to 15 psi
-.97 bar to 1 bar
0.001 psi
0.0001 bar
Positive pressure
± 0.05 % FS
Vacuum
± 0.1 % FS
60 psi
4 bar
Fluke-700G05
-14 psi to 30 psi
-.97 bar to 2 bar
0.001 psi
0.0001 bar
120 psi
8 bar
Fluke-700G06
-12 psi to 100 psi
-.83 bar to 6.9 bar
0.01 psi
0.0001 bar
400 psi
26 bar
Fluke-700G27
-12 psi to 300 psi
-.83 bar to 20 bar
0.01 psi
0.001 bar
1200 psi
80 bar
Fluke-700G07
-12 psi to 500 psi
-.83 bar to 34 bar
0.01 psi
0.001 bar
2000 psi
138 bar
Fluke-700G08
-14 psi to 1000 psi
-.97 bar to 69 bar
0.1 psi
0.001 bar
4000 psi
266 bar
Fluke-700G10
-14 to 2000 psi
-.97 bar to 140 bar
0.1 psi
0.01 bar
8000 psi
550 bar
Fluke-700G29
-14 psi to 3000 psi
-.97 bar to 200 bar
0.1 psi
0.01 bar
10000 psi
690 bar
Fluke-700G30
-14 psi to 5000 psi
-.97 bar to 340 bar
0.1 psi
0.01 bar
10000 psi
690 bar
Fluke-700G31
-14 psi to 10000 psi
-.97 bar to 690 bar
1 psi
0.01 bar
20000 psi
1035 bar
Fluke-700GA4
0 to 15 psia
0 to 1 bar absolute
0.001 psi
0.0001 bar
± 0.05 % of range
60 psi
4 bar
Fluke-700GA5
0 to 30 psia
0 to 2 bar absolute
0.001 psi
0.0001 bar
120 psi
8 bar
Fluke-700GA6
0 to 100 psia
0 to 6.9 bar absolute
0.01 psi
0.0001 bar
400 psi
27 bar
Fluke-700GA27
0 to 300 psia
0 to 20 bar absolute
0.01 psi
0.001 bar
1200 psi
80 bar
Fluke-700RG05
-14 to +30 psi
-0.97 to +2 bar
0.001 psi
0.0001 bar
Positive pressure,
± 0.04 % of reading
+.01 % of range,
Vacuum
± 0.05 % of range
90 psi
6 bar
Fluke-700RG06
-12 to 100 psi
-0.83 to 6.9 bar
0.01 psi
0.0001 bar
Positive pressure,
± 0.04 % of reading
+.01 % of range,
Vacuum
± 0.1 % of range
400 psi
27 bar
Fluke-700RG07
-12 to 500 psi
-0.83 to 34
0.01 psi
0.001 bar
2000 psi
138 bar
Fluke-700RG08
-14 to 1000 psi
-0.97 to 69 bar
0.1 psi
0.001 bar
4000 psi
275 bar
Fluke-700RG29
-14 to 3000 psi
-0.97 to 200 bar
0.1 psi
0.01 bar
10000 psi
690 bar
Fluke-700RG30
-14 to 5000 psi
-0.97 to 340 bar
0.1 psi
0.01 bar
15000 psi
1035 bar
Fluke-700RG31
-14 to 10000 psi
-0.97 to 690 bar
1 psi
0.01 bar
20000 psi
1380 bar
700R Ranges: Temperature Compensation 0 e°C to 50 °C (32 °F to 122 °F) to rated accuracy.
For temperatures from -10 °C to 0 °C and 50 °C to 55 °C, add .005 % FS/°C
Media compatibility
•
10 inH20, 1, 15, 30 psi: any clean dry non-corrosive gas
•
100, 300, 500, 1000 psi: any liquids or gases compatible with 316 stainless steel and above 1000 psi: any non-flammable, non-toxic,
non-explosive, non-oxidizing liquid or gas compatible with 316 stainless steel.
2 Fluke Corporation
Fluke 700G Precision Pressure Test Gauges



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com