Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CM201212-R12KL Datasheet(PDF) 4 Page - Bourns Electronic Solutions

No. de pieza CM201212-R12KL
Descripción Electrónicos  CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM201212-R12KL Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CM201212-R12KL Datasheet HTML 1Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 2Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 3Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 4Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 5Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 6Page - Bourns Electronic Solutions CM201212-R12KL Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Chip Inductors - CM322522 Series Wirewound
Lead Free
1210 Size
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part Number
uH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM322522-47NML
0.047
±20 %
10
100
680
0.20
450
CM322522-56NML
0.056
±20 %
10
100
600
0.22
420
CM322522-68NML
0.068
±20 %
10
100
540
0.25
400
CM322522-82NML
0.082
±20 %
10
100
500
0.27
380
CM322522-R10ML
0.10
±20 %
10
100
450
0.30
360
CM322522-R12ML
0.12
±20 %
10
25.2
400
0.67
240
CM322522-R15ML
0.15
±20 %
10
25.2
350
0.72
230
CM322522-R18ML
0.18
±20 %
10
25.2
320
0.81
220
CM322522-R22ML
0.22
±20 %
25
25.2
230
0.29
360
CM322522-R27ML
0.27
±20 %
25
25.2
210
0.32
345
CM322522-R33ML
0.33
±20 %
25
25.2
190
0.35
330
CM322522-R39ML
0.39
±20 %
25
25.2
175
0.39
305
CM322522-R47ML
0.47
±20 %
25
25.2
160
0.44
290
CM322522-R56ML
0.56
±20 %
25
25.2
150
0.49
275
CM322522-R68ML
0.68
±20 %
25
25.2
135
0.55
260
CM322522-R82ML
0.82
±20 %
25
25.2
125
0.61
245
CM322522-1R0KL
1.0
±10 %
30
7.96
115
0.69
230
CM322522-1R2KL
1.2
±10 %
30
7.96
100
0.75
215
CM322522-1R5KL
1.5
±10 %
30
7.96
90
0.75
210
CM322522-1R8KL
1.8
±10 %
30
7.96
85
0.82
200
CM322522-2R2KL
2.2
±10 %
30
7.96
80
0.95
190
CM322522-2R7KL
2.7
±10 %
30
7.96
75
1.1
180
CM322522-3R3KL
3.3
±10 %
30
7.96
65
1.2
180
CM322522-3R9KL
3.9
±10 %
30
7.96
60
1.3
175
CM322522-4R7KL
4.7
±10 %
30
7.96
55
1.5
165
CM322522-5R6KL
5.6
±10 %
30
7.96
50
1.6
160
CM322522-6R8KL
6.8
±10 %
30
7.96
45
1.8
150
CM322522-8R2KL
8.2
±10 %
30
7.96
40
2.0
140
CM322522-100KL
10
±10 %
30
2.52
36
2.1
140
CM322522-120KL
12
±10 %
30
2.52
33
2.5
125
CM322522-150KL
15
±10 %
30
2.52
30
2.8
120
CM322522-180KL
18
±10 %
30
2.52
27
3.3
110
CM322522-220KL
22
±10 %
30
2.52
25
3.7
105
CM322522-270KL
27
±10 %
30
2.52
22
5.0
90
CM322522-330KL
33
±10 %
30
2.52
20
5.6
85
CM322522-390KL
39
±10 %
30
2.52
20
6.4
80
CM322522-470KL
47
±10 %
30
2.52
15
7.0
75
CM322522-560KL
56
±10 %
30
2.52
15
8.0
70
CM322522-680KL
68
±10 %
30
2.52
15
9.0
65
CM322522-820KL
82
±10 %
30
2.52
11
10
60
CM322522-101KL
100
±10 %
20
0.796
10
10
60
CM322522-121KL
120
±10 %
20
0.796
10
11
55
CM322522-151KL
150
±10 %
20
0.796
8
15
50
CM322522-181KL
180
±10 %
20
0.796
7
17
50
CM322522-221KL
220
±10 %
20
0.796
7
21
45
TIGHTER TOLERANCE AVAILABLE ON REQUEST. CONSULT FACTORY.
NOTE: 47 nH TO 180 nH ‘AIR CORE’ / 220 nH TO 220 uH ‘FERRITE CORE’



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com