30 / 31 page  30 sensing.honeywell.com LS Series 38 [1.5] 58,5 [2.30] 40 [1.57] 49 [1.93] 37,5 [1.48] 81 [3.19] 30 [1.18] 5,54 [0.22] max. (3) for M5 screw 91 [3.58] 57 [2.24] 15 [0.59] 13 [0.51] 26 [1.02] 14,68 [0.578] 5,1 [0.20] 26 [1.02] 34 [1.34] 5,1 [0.20] 77,3 [3.04] 67,67 [2.664] Figure 35. 201LS10-4 Dimensions Figure 36. 202LS1-4 Dimensions 34 [1.34] 9 [0.35] 20,6 [0.81] Corrosion- resistant steel plunger 33,7 [1.33] 49 [1.93] 37,5 [1.48] 77,3 [3.04] 81 [3.19] 5,54 [0.22] max. (3) for M5 screw 91 [3.58] 57 [2.24] 15 [0.59] 67,67 [2.664] 26 [1.02] 5,1 [0.20] 5,1 [0.20] 16,8 [0.66] 1,65 [0.065] max. pretravel 26 [1.02] Figure 37. 204LS1-4 Dimensions 9 [0.35] 18,2 [0.72] 30 [1.18] 26 [1.02] 26 [1.02] 54 [2.13] 46 [1.81] 28 [1.10] 26 [1.02] 49 [1.93] 37,5 [1.48] 77,3 [3.04] 5,54 [0.22] max. (3) for M5 screw 91 [3.58] 57 [2.24] 67,67 [2.664] 5,1 [0.20] 5,1 [0.20] 13 [0.51] 15 [0.59] Figure 38. 205LS1-4 Dimensions Figure 39. 208LS1-4 Dimensions 34 [1.34] 9 [0.35] 20,6 [0.81] Corrosion- resistant steel plunger 33,7 [1.33] 49 [1.93] 37,5 [1.48] 77,3 [3.04] 81 [3.19] 5,54 [0.22] max. (3) for M5 screw 91 [3.58] 57 [2.24] 67,67 [2.664] 26 [1.02] 5,1 [0.20] 5,1 [0.20] 16,8 [0.66] 1,65 [0.065] max. pretravel 26 [1.02] 15 [0.59] 81 [3.19] 34 [1.34] Stainless steel coil spring actuator (208LS152-4 only) 5 [0.20] 141 [5.55] 26 [1.02] 26 [1.02] 49 [1.93] 37,5 [1.48] 77,3 [3.04] 5,54 [0.22] max. (3) for M5 screw 91 [3.58] 57 [2.24] 67,67 [2.664] 5,1 [0.20] 5,1 [0.20] 15 [0.59] |
|