Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1LS9 Datasheet(PDF) 24 Page - Honeywell Solid State Electronics Center

No. de pieza 1LS9
Descripción Electrónicos  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS9 Datasheet(HTML) 24 Page - Honeywell Solid State Electronics Center

Back Button 1LS9 Datasheet HTML 20Page - Honeywell Solid State Electronics Center 1LS9 Datasheet HTML 21Page - Honeywell Solid State Electronics Center 1LS9 Datasheet HTML 22Page - Honeywell Solid State Electronics Center 1LS9 Datasheet HTML 23Page - Honeywell Solid State Electronics Center 1LS9 Datasheet HTML 24Page - Honeywell Solid State Electronics Center 1LS9 Datasheet HTML 25Page - Honeywell Solid State Electronics Center 1LS9 Datasheet HTML 26Page - Honeywell Solid State Electronics Center 1LS9 Datasheet HTML 27Page - Honeywell Solid State Electronics Center 1LS9 Datasheet HTML 28Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
24 sensing.honeywell.com
LS Series
Figure 7. 5LS1 Dimensions
.6
27,94
[1.10]
43,94 ±0,762
[1.73 ±0.03]
operating position
1,65 [0.065]
max. pretravel
Ø 16,66 [Ø 0.656] x
4,78 [0.188] wide
corrosion-resistant
steel roller and plunger
Captive
cover
screw (3)
28,7
[1.13]
26,16 [1.03]
40,64 [1.6]
30,23
[1.19]
4,83
[0.19]
68,58
[2.70]
58,67
[2.31]
13,21 [0.52]
1/4-20 UNC
mod thread x
14,27 [0.562 ]
min. depth (4)
Ø 4,88 [0.192] min.
mounting hole for
No. 10 screw (4)
4,83 [0.19]
16,76 [0.66]
40 [1.57]
Figure 6. 6LS1 Dimensions
58,42 [2.30]
46,23 [1.82]
34,29
[1.35]
13,97 [0.55]
51,31 [2.02]
38,1
[1.50] R
28,7
[1.13]
26,16 [1.03]
40,64 [1.6]
30,23
[1.19]
15,09 ±0,38
[0.594 ±0.015]
14,68 ±0,762
[0.578 ±0.030]
4,83
[0.19]
15,24
[0.6]
68,58
[2.70]
58,67
[2.31]
1/4-20 UNC
mod thread x
14,27 [0.562]
min. depth (4)
Ø 4,88 [0.192] min.
mounting hole for
No. 10 screw (4)
4,83 [0.19]
13,46 [0.53]
Ø 19,05 x 6,35 wide
[Ø 0.75 x 0.25 wide]
hardened steel roller
40 [1.57]
Figure 7. 7LS1 Dimensions
3,05
[0.12]
31,75
[1.25]
1,52 [0.06]
30,99
[1.22]
50,8
[2.00]
19,05
[0.75]
6,35
[0.25]
25,4
[1.0]
79,76
[3.14]
88,9
[3.50]
5,08
[Ø 0.20]
hole (4)
6,35
[0.25]
102
[4.03]
63,5 [2.50]
Figure 9. 8LS3 Dimensions
Figure 8. 8LS1 Dimensions
35,05
[1.38]
Ø 4,8 [0.189]
stranded steel
cable actuator
15,09 [0.594]
140,97
[5.55]
15,24
[0.6]
Switch will operate by
moving actuator in any
direction except pull
28,7
[1.13]
40,64 [1.6]
30,23
[1.19]
4,83
[0.19]
58,67
[2.31]
1/4-20 UNC
mod thread x
14,27 [0.562]
min. depth (4)
Ø 4,88 [0.192] min.
mounting hole for
No. 10 screw (4)
4,83 [0.19]
40 [1.57]
35,05
[1.38]
Ø 4,8 [0.189]
deep anodized
aluminum rod
pressed in
coil spring
140,97
[5.55]
Switch will operate by
moving actuator in any
direction except pull
15,09 [0.594]
15,24
[0.6]
Switch will operate by
moving actuator in any
direction except pull
30,23
[1.19]
4,83
[0.19]
Ø 4,88 [0.192] min.
mounting hole for
No. 10 screw (4)
4,83 [0.19]
40 [1.57]
28,7
[1.13]
40,64 [1.6]
58,67
[2.31]
1/4-20 UNC
mod thread x
14,27 [0.562]
min. depth (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com