Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EYGS0609ZLSK Datasheet(PDF) 7 Page - Panasonic Semiconductor

No. de pieza EYGS0609ZLSK
Descripción Electrónicos  “GraphiteTIM (Compressible Type)” PGS with low thermal resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0609ZLSK Datasheet(HTML) 7 Page - Panasonic Semiconductor

  EYGS0609ZLSK Datasheet HTML 1Page - Panasonic Semiconductor EYGS0609ZLSK Datasheet HTML 2Page - Panasonic Semiconductor EYGS0609ZLSK Datasheet HTML 3Page - Panasonic Semiconductor EYGS0609ZLSK Datasheet HTML 4Page - Panasonic Semiconductor EYGS0609ZLSK Datasheet HTML 5Page - Panasonic Semiconductor EYGS0609ZLSK Datasheet HTML 6Page - Panasonic Semiconductor EYGS0609ZLSK Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Graphite Sheets, Graphite-PAD, Graphite-TIM
■Do not reuse this product after removal from the mounting board.
■Do not drop this product on the floor. If this product is dropped, it can be damaged mechanically.
Avoid using the dropped product.
■This product is soft, do not rub or touch it with rough materials to avoid scratching it.
■Lines or folds in this product may affect thermal conductivity.
■Never touch a this product during use because it may be extremely hot.
■Use protective materials when handling and/or applying this product, do not use items with sharp edges as they
might tear or puncture this product.
■Do not handle with bare hands as there is a concern about performance degradation.
■Storage period is less than one year after our shipping inspection is completed.
Please use within the period.
■If the product is stored in the following environments and conditions, the performance may be badly affected,
avoid the storage in the following environments.
(1) Storage in places full of corrosive gases such as sea breeze, Cl2, H2S, NH3, SO2, and NOX.
(2) Storage in places exposed to ultraviolet light.
*Recommended storage in the dark.
(3) Store at a temperature outside the storage temperature range specified by this catalog.
■In the case of a product configuration that assumes bonding, please use after checking the adhesiveness of
the product when the storage period is over.
■This product has conductivity. If required, This product should be provided insulation.
■This product can not guarantee the insulation because there is a concern for powder falling off of conductive
materials.
■Thermal conductivity is dependent on the way it is used. Test the adaptability of the product to your application
before use.
■No ODCs or other ozone-depleting substances which are subject to regulation under the Montreal Protocol
are used in our manufacturing processes, including in the manufacture of this product.
■This product complies with the RoHS Directive (Restriction of the use of certain Hazardous Substances
in electrical and electronic equipment (DIRECTIVE 2011/65/EU and
(EU)2015/863).
■All the materials used in this part are registered material under the Law Concerning the Examination and
Regulation of Manufactures etc. of Chemical substances.
■If you need the notice by letter of "A preliminary judgment on the Laws of Japan foreign exchange and
Foreign Trade control", be sure to let us know.
■These products are not dangerous goods on the transportation as identified by UN(United Nations)
numbers or UN classification.
■As to the disposal of the module, check the method of disposal in each country or region where the modules
are incorporated in your products to be used.
■The technical information in this catalog provides examples of our products typical operations and application
circuits. We do not guarantee the non-infringement of third party's intellectual property rights and we do
not grant any license, right, or interest in our intellectual property.
1-Oct-19
Precaution of installation
Precaution on storage conditions
Precaution specific to this product
Applicable laws and regulations, others



Html Pages

1 2 3 4 5 6 7