Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EVQPLHA15/PT9A15 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza EVQPLHA15/PT9A15
Descripción Electrónicos  4.9 mm Square SMD Light Touch Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPLHA15/PT9A15 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQPLHA15/PT9A15 Datasheet HTML 1Page - Panasonic Semiconductor EVQPLHA15/PT9A15 Datasheet HTML 2Page - Panasonic Semiconductor EVQPLHA15/PT9A15 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Light Touch Switches/EVQPL/3PL/5PL/PT
1.2
4.6
4.9
3.7
B'
A'
B
A
0.4
0.8
0.05
0.45
φ3.2
3.1
4.3
(4.6)
(5.5)
A
B
A’
B’
GND
Operating part
Be careful not to
scratch the film
PWB land pattern for reference
Circuit diagram
1.2
φ
2.4
4.6
4.9
φ
4.4
3.7
3.1
4.3
(4.6)
(5.5)
A
B
A’
B’
B’
A’
B
A
0.4
0.8
1.2
0.05
0.45
GND
1.5 0.2
0.1
+
–
Operating part
PWB land pattern for reference
Circuit diagram
■ Dimensions in mm (not to scale)
No. 1
Part Numbers
Operating Force
Height
Operating Life
EVQPLBA08
1.0 N
0.8 mm
500000 cycles
EVQPLFA08
1.6 N
0.8 mm
500000 cycles
EVQPLKA08
2.6 N
0.8 mm
200000 cycles
EVQ5PLA08
3.5 N
0.8 mm
200000 cycles
Part Numbers
Operating Force
Height
Operating Life
EVQPLDA15/PT5A15
1.0 N
1.5 mm
500000/2000000 cycles
EVQPLHA15/PT9A15
1.6 N
1.5 mm
500000/2000000 cycles
EVQPLMA15
2.6 N
1.5 mm
200000 cycles
EVQ3PLA15
3.5 N
1.5 mm
200000 cycles
No. 2
EVQPLB
EVQPLF
EVQPLK
EVQ5PL
(Embossed Taping)
Surface mount
For reflow soldering
Without push plate
EVQPLD/PT5
EVQPLH/PT9
EVQPLM
EVQ3PL
(Embossed Taping)
Surface mount
For reflow soldering
With push plate
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ANCTB11E 201606-Fd
 
Panasonic Corporation 2016
Panasonic Corporation Electromechanical Control Business Division
–2–
industrial.panasonic.com/ac/e/



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com