Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4560 07 . Datasheet(PDF) 1 Page - Lapp.

No. de pieza 4560 07 .
Descripción Electrónicos  LiFY single cores for measurement purposes, highly fl exible LiFY single cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LAPP [Lapp.]
Página de inicio  https://e.lapp.com/us/
Logo LAPP - Lapp.

4560 07 . Datasheet(HTML) 1 Page - Lapp.

  4560 07 . Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Highly flexible
LiFY single core
LiFY single cores for measurement purposes, highly flexible LiFY single cores
Application
For use as highly flexible single
cores in combination with
highly flexible insulating tubes,
also for use in/on mobile
equipments. Especially the
1000 V version with larger
insulation thickness is the best
data line for many measuring
instruments, such as mul-
timeters etc. This version is
especially for use as con-
necting cable on portable
measuring assemblies in the
field of technical education,
training and in electrical
laboratories.
Special Feature
Both versions are due to the
high flexible and superfine
copper wires combined with a
special soft, cold-flexible PVC
Insulation still flexible at
temperatures down to -15°C.
Note
The product is conform to EEC
directive 73/23 (Low Voltage
Directive) CE.
Other colours are available on
request or ready-made. Further
single cores please see to
Cables for Fixed Installation.
Cable Make-up
Superfine stranded conductors
of plain copper wire, PVC-based
insulation, cold flexible,
unicoloured.
Technical Data
Temperature range:
flexing: -15 °C up to +70 °C
Conductor stranding:
super fine wire: 0,07 mm acc. to
VDE 0295
Core ident code:
3 = black, 4 = blue, 6 = red, 7 =
green/yellow
Nominal voltage U0/U:
LiFY cores: 1000 V
Highly flexible LiFY single cores:
up to 1,0 mm²: 500 V
Highly flexible LiFY single cores:
from 1,5 mm²: 750 V
Insulation: specific insulation
resistance:
> 20 Gohm x cm
Test voltage:
3000 V
Part number
Conductor cross section in mm²
Cores colour
m/coil
Approx. outside diameter in mm
Approx. weight kg/km
LiFY-single cores for measurement purpose
4560 011 S
0,75
black
50
4,0
7,5
4560 021 S
0,75
blue
50
4,0
7,5
4560 041 S
0,75
red
50
4,0
7,5
4560 012 S
1,5
black
50
4,0
15,0
4560 022 S
1,5
blue
50
4,0
15,0
4560 042 S
1,5
red
50
4,0
15,0
Highly flexible LiFY single cores
4560 01 . S
0,75
see footnote
100
2,5
7,5
4560 02 . S
1,0
see footnote
100
2,9
10,0
4560 03 . S
1,5
see footnote
100
3,7
15,0
4560 05 . S
2,5
see footnote
50
4,2
25,0
4560 06 . S, R
4,0
see footnote
50
5,1
40,0
4560 07 .
6,0
see footnote
50
6,0
63,0
4560 08 .
10,0
see footnote
50
7,4
105,0
Please add the particular colour code number to the part number: 3= black, 4= blue, 6= red, 7= green/yellow
No cutting charge for standard stock units (50, 100, 250, 500, 1000 m).
Please declare us your desired design (e.g. 1 x 500 m drum or 5 x 100 rings).
Rings < 30 kg, beyond automatically drums.
1.110


Número de pieza similar - 4560 07 .

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
4560 ETC2-4560 Datasheet
1Mb / 16P
Drywall Punch
logo
Heyco.
4560 HEYCO-4560 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4560 RAF-4560 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
T- Lens-End Lamps, T-1 Lens-End Lamps
4560-12A GILWAY-4560-12A Datasheet
56Kb / 1P
T- Lens-End Lamps, T-1 Lens-End Lamps
More results

Descripción similar - 4560 07 .

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
YUXIANG Magnetc materia...
UF8.5 YUXIANG-UF8.5 Datasheet
45Kb / 2P
UF cores and UI cores
EER25 YUXIANG-EER25 Datasheet
105Kb / 2P
EER CORES. ETD CORES
EPC10 YUXIANG-EPC10 Datasheet
100Kb / 2P
EPC CORES
logo
Ferroxcube Internationa...
EI22 FERROXCUBE-EI22 Datasheet
46Kb / 3P
EI cores
EI25 FERROXCUBE-EI25 Datasheet
45Kb / 3P
EI cores
EI40 FERROXCUBE-EI40 Datasheet
45Kb / 3P
EI cores
PM87 FERROXCUBE-PM87 Datasheet
42Kb / 3P
PM cores
logo
Fair-Rite Products Corp...
5695362321 FAIR-RITE-5695362321 Datasheet
516Kb / 1P
Pot Cores
5698140921 FAIR-RITE-5698140921 Datasheet
516Kb / 1P
Pot Cores
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com