Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCC-M0540M Datasheet(PDF) 3 Page - Panasonic Semiconductor

No. de pieza PCC-M0540M
Descripción Electrónicos  High heat resistance and high reliability using metal composite core (MC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PCC-M0540M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PCC-M0540M Datasheet HTML 1Page - Panasonic Semiconductor PCC-M0540M Datasheet HTML 2Page - Panasonic Semiconductor PCC-M0540M Datasheet HTML 3Page - Panasonic Semiconductor PCC-M0540M Datasheet HTML 4Page - Panasonic Semiconductor PCC-M0540M Datasheet HTML 5Page - Panasonic Semiconductor PCC-M0540M Datasheet HTML 6Page - Panasonic Semiconductor PCC-M0540M Datasheet HTML 7Page - Panasonic Semiconductor PCC-M0540M Datasheet HTML 8Page - Panasonic Semiconductor PCC-M0540M Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Power Choke Coil (Automotive Grade)
● Case Temperature vs DC Current
PWB condition A : Four-layer PWB (1.6 mm FR4).*3
PWB condition B : Multilayer PWB with high heat dissipation performance.*2
▲ This spec may change because these are under development
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
29-Nov-24
Performance characteristics (Reference
②)
DC Bias (A)
DC Bias (A)
0
20
40
80
60
0
20
40
80
60
DC Bias (A)
DC Bias (A)
1.5
0.5
1.0
2.0
2.5
3.0
3.5
0
20
40
80
60
0
20
40
80
60
0
[ ETQP3M2R2YFP ]
[ ETQP3M3R3YFP ]
[ ETQP4M4R7YFP ]
[ ETQP4M220YFP ]
3
1
5
7
2
0
4
6
8
3
1
5
7
2
0
4
6
3
1
5
7
2
0
4
6
1.5
0.5
1.0
2.0
2.5
3.0
3.5
0
20
40
80
60
0
4.0
[ ▲ETQP4M100YFP ]
DC Bias (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com