Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ULN2069B Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza ULN2069B
Descripción Electrónicos  80 V - 1.5 A QUAD DARLINGTON SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2069B Datasheet(HTML) 5 Page - STMicroelectronics

  ULN2069B Datasheet HTML 1Page - STMicroelectronics ULN2069B Datasheet HTML 2Page - STMicroelectronics ULN2069B Datasheet HTML 3Page - STMicroelectronics ULN2069B Datasheet HTML 4Page - STMicroelectronics ULN2069B Datasheet HTML 5Page - STMicroelectronics ULN2069B Datasheet HTML 6Page - STMicroelectronics ULN2069B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MOUNTING INSTRUCTIONS
The Rth j-amb can be reduced by soldering the GND
pins to a suitable copper area of the printed circuit
board (Fig. 12) or to an external heatsink (Fig. 13).
The diagram of figure 14 shows the maximum dis-
sipable power Ptot and the Rth j-amb as a function of
the side "
∝" of two equal square copper areas hav-
ing a thickness of 35
µ (1.4 mils).
During soldering the pins temperature must not ex-
ceed 260
°C and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
Figure 12 : Example of P.C. Board Area which is
Used as Heatsink.
Figure 13 : External Heatsink Mounting Example.
Figure 14 : Maximum Dissipable Power and Junc-
tion to Ambient Thermal Resistance
vs. Side "I".
Figure 15 : Maximum Allowable Power Dissipa-
tion vs. Ambient Temperature.
ULN2065B-ULN2067B-ULN2069B-ULN2071B-ULN2075B-ULN2077B
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com