Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EVQPLHA15 Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza EVQPLHA15
Descripción Electrónicos  4.9 mm Square SMD Light Touch Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPLHA15 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQPLHA15 Datasheet HTML 1Page - Panasonic Semiconductor EVQPLHA15 Datasheet HTML 2Page - Panasonic Semiconductor EVQPLHA15 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVQPL/3PL/5PL/PT
Note: Non washable
■ Specifications
4.9 mm Square SMD Light Touch Switches
Type:
EVQPL/EVQ3PL
EVQ5PL/EVQPT
■ Features
● External dimensions : 4.9 mm× 4.9 mm,
Height: 0.8 mm(Without push plate), 1.5 mm(With push plate)
Type
Snap action/Push-on type SPST
Electrical
Rating
10 μA 2 V DC to 20 mA 15 V DC (Resistive load)
Contact Resistance
50 mΩ max.
Insulation Resistance
50 MΩ min. (at 100 V DC)
Dielectric Withstanding Voltage
250 V AC for 1 minute
Bouncing
3 ms max. (ON)
8 ms max. (OFF)
Mechanical
Operating Force
1.0 N±0.5 N
1.6 N±0.5 N
2.6 N±0.6 N
3.5 N±1.0 N
Travel
0.25 mm
+0.10 mm
Endurance
Operating Life
500,000 cycles min.
200,000 cycles min.
Operating Temperature
–20 °C to +70 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
5,000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
25,000 pcs.
–0.20
■ Recommended Applications
● Operation switches for portable electronic equipment
(Notebook PC, Camcorders, Portable audio players, etc.)
● Operation switches for car audio systems
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ANCTB11E 201703-Fd
 
Panasonic Corporation 2017
–1–
industrial.panasonic.com/ac/e/
2017.03
Product Height
123456
89
7
■ Explanation of Part Numbers
Product Code
Type
・Operating Force
201703ANCTB_E.indb 1
17/03/01 17:45


Número de pieza similar - EVQPLHA15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
EVQPLHA15 PANASONIC-EVQPLHA15 Datasheet
89Kb / 3P
Light Touch Switches
More results

Descripción similar - EVQPLHA15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
EVQP2 PANASONIC-EVQP2 Datasheet
123Kb / 2P
4.7 X 3.5 mm Square Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQPL PANASONIC-EVQPL Datasheet
89Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-PLDA15 PANASONIC-EVQ-PLDA15 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-PLHA15 PANASONIC-EVQ-PLHA15 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com