Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

THAT2252 Datasheet(PDF) 8 Page - THAT Corporation All rights reserved.

No. de pieza THAT2252
Descripción Electrónicos  IC RMS-Level Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THAT [THAT Corporation All rights reserved.]
Página de inicio  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2252 Datasheet(HTML) 8 Page - THAT Corporation All rights reserved.

Back Button THAT2252 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 9Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 10Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT
V
1.4
I
EE
T
=
+
, where VEE is the negative supply
voltage.
Bias Programming
As shown in Figure 1 (page 1), pin 2 is connected
to the negative supply through three diodes in se-
ries. Its typical voltage is VEE + 2.1 V. The current
in these diodes, IBIAS, controls the current sources
throughout the 2252, and therefore affects the
bandwidth of the device, as well as Iin0. Because it
is responsible for programming so many currents,
IBIAS should be restricted to a relatively narrow
range about the nominal 24
µA.
Normally, IBIAS is chosen to fine-tune Iin0, the 0 dB
reference point. I
8.4
BIAS
I T
=
Iin02. The factor 8.4 de-
rives from the geometry of the devices in the 2252.
As with the value of RT, Rb is determined by the de-
sired IBIAS and the negative supply voltage, as fol-
lows: Rb
V
2.1
I
EE
BIAS
=
-
.
Power Supply Bypassing
The 2252 is not particularly sensitive to power
supply impedances, but the high charging currents
which are possible in CT must be kept out of the
PC board ground and voltage supply system for
good results. The application circuits show a 1 k
Ω
resistor in series with the positive supply pin
(pin 8), and a 10
µf capacitor bypassing this pin to
ground. The ground end of this capacitor is in-
tended to be connected directly to the ground end
of CT. One (and only one) point on this trace
should be connected to the circuit ground system,
since high currents flow in this trace during input
signal transients.
Figure 8 illustrates the flow of current, ICHARGE,
during an input transient. Note that ICHARGE is
confined to a local
loop, flowing from
CB through OA2
and Q6 (within the
2252) into CT, and
returning directly
to CB. By keeping
the return trace
short,
and
con-
necting it to sys-
tem
ground
at
only
one
point,
high currents are
kept out of the
overall
ground
system, while CT maintains its reference to ground
potential through the single connection to ground.
Another bypass capacitor is required at pin 2 (the
IBIAS pin). Typically, with IBIAS ≈ 24 µA, the imped-
ance at pin 2 is approximately 3 k
Ω to V–. If the in-
put signal capacitively couples into pin 2, IBIAS will
be modulated at the input signal frequency. This
modulation adds signal voltage (as ripple) to the
output at pin 7. (Recall that, ideally, the 2252 pro-
duces ripple only at the second harmonic of the in-
put signal.) When the 2252 is used to control the
gain of a voltage-controlled amplifier (VCA) such
as the THAT 2180 or 2181, this fundamen-
tal-frequency ripple will cause second harmonic
distortion in the VCA. Bypassing pin 2 to the nega-
tive supply shunts any signal-related currents
around the 2252 bias system, preventing this rip-
ple from occuring.
Output Considerations
The output of the 2252 (pin 7) presents a low
source impedance, but it is somewhat limited in
available current drive. Referring to Figure 1
(page 1), the negative current source at the output
pin is approximately 10 IBIAS. Therefore, for the
typical IBIAS of 24 µA, the maximum current sink
at pin 7 is 240
µA. (The 2252 will source consider-
ably more than this current if required.) Since the
output voltage normally swings between
±300 mV,
the 2252 will directly drive loads of greater than
1.5 k
Ω without difficulty.
In the section on Input Bias Currents and Volt-
ages (page 6), it was noted that the 2252 output is
generally proportional to the log of the ac rms in-
put current. But, at low levels (<20 nA input cur-
rent), the input bias compensation in internal
opamp OA2 in Figure 3 (page 3) can cause a sharp
increase in the output change with input, as shown
in Figure 8, (page 6). Since this effect is dependent
on the accuracy of the bias compensation, some
2252s will exhibit this behavior, but most will not.
For most applications, where consistent low-level
response is desireable, the 2252 should be config-
ured to supply its own “correction” signal to pre-
vent this discontinuity from occuring, as shown in
the circuit of Figure 4, (page 4). In this circuit, a
22 M
Ω resistor (Rf) is connected from the output
of the 2252 back to the input.
When the output voltage is near 0 V, Rf contributes
negligible current to the input of the detector. For
positive output voltages, the current in Rf is very
small compared to the ac input signal which
causes a positive output, so its effect is again negli-
gible. However, as the ac input signal drops in
level, the dc output goes negative, supplying more
and more input current through Rf, which tends to
drive the dc output positive. The point at which
the two effects will balance is dependent on IBIAS,
IT, and the size of the feedback resistor. In the cir-
cuit of Figure 4, the output will “bottom out” at ap-
proximately -300 mV, where Rf supplies ~14 nA of
dc current to the input.
Rf establishes a stable “floor” in the 2252’s re-
sponse. However, this self-supplied lower limit will
obscure very low-level input signals which could
be measured by those 2252s with good input-bias
correction at OA2 of Figure 3. If accurate low-level
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 8
THAT 2252 RMS-Level Detector
V+
WITHIN
2252
OA2
PART OF
8
6
CHARGE
I
1k
B
C
T
C
Q6
Figure 10.
Decoupling Supply Transients



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com