Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA7333NTR Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza TDA7333NTR
Descripción Electrónicos  RDS/RBDS processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7333NTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7333NTR Datasheet HTML 9Page - STMicroelectronics TDA7333NTR Datasheet HTML 10Page - STMicroelectronics TDA7333NTR Datasheet HTML 11Page - STMicroelectronics TDA7333NTR Datasheet HTML 12Page - STMicroelectronics TDA7333NTR Datasheet HTML 13Page - STMicroelectronics TDA7333NTR Datasheet HTML 14Page - STMicroelectronics TDA7333NTR Datasheet HTML 15Page - STMicroelectronics TDA7333NTR Datasheet HTML 16Page - STMicroelectronics TDA7333NTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TDA7333N
Functional description
13/36
Figure 4.
Demodulator block diagram
The module needs a fixed clock of 8.55 MHz. Optionally an 8.664 MHz clock may be used
by setting the corresponding bit in rds_bd_ctrl register (refer to Section 3.8.6).
In order to optimize the error correction in the group and block synchronization module, the
sensitivity level of the quality bit can be adjusted in four steps with “qsens” bits
rds_bd_ctrl[5:4]. Only bits marked as bad by the quality bit are allowed to be corrected in the
group and block synchronization module. If an error correction is done on a good marked
RDS bit, the “data_ok” bit rds_corrp[1] will not be set (refer to Section 3.8.3).
The RDS bit demodulator can be controlled by the bits 1-6 of rds_bd_ctrl register for
example to select 57 kHz PLL and 1187.5 Hz PLL time constant. This is useful in order to
achieve a fast synchronization after a program resp. frequency change (fast time constant)
and to get a maximum of noise immunity after synchronization (slow time constant).
The user may choose between 2 possibilities via bit rds_bd_ctrl[1]:
a)
Hardware selected time constant - In this case both pll time constants are reset to
the fastest one, with a reset from the group and block synchronization module, or if
the software decides to resynchronize by setting “ar_res” rds_int[5] (refer to page
18). Then both PLLs increase automatically to the slowest time constant. This is
done in four steps within a total time of 215.6 ms (256 RDS clocks).
b)
Software selected time constant - In this case the time constant of both PLL can
be selected individually by software (rds_bd_ctrl[4:2]). Four time constants (5 ms,
15 ms, 35 ms, 76 ms) can be set independently for 1187.5 Hz PLL and two time
constants (2 ms, 10 ms) for the 57 kHz PLL.
The sensitivity of the quality bit can be adjusted to four levels with the “qsens1” and “qsens0”
rds_bd_ctrl[6:5] bits. “qsens1 = 0” and “qsens0 = 0” means minimum sensitivity, “qsens1 =
1” and “qsens0 = 1” maximum sensitivity.
to RDS group and block synchronisation
module:
RDSCLK
RDSDAT
RDSQAL
AR_RES
mclk
(8,550 or 8,664 MHz)
MPX
Input-stage
(digital Filter )
ARI in-
dicator
57 kHz PLL
frequency
offset comp.
Clock Generator
Half Wave
Integrator
Half Wave
Extractor
RDS Quality
Extractor
RDS Data
Extractor
1187.5Hz
PLL
mclk
from RDS group and block synchronisation
module:
Sine comp.
Cosine comp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36