| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST10R167 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10R167 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 63 page ![]() ST10R167 4/63 I - INTRODUCTION The ST10R167 is a derivative of the STMicroelectronics ST10 family of 16-bit single-chip CMOS microcontrollers. It combines high CPU performance (up to 12.5 million instructions per second) with high peripheral functionality and enhanced I/O capabilities. It also provides on-chip high-speed RAM and clock generation via PLL. Figure 1 : Logic Symbol XTAL1 RSTIN XTAL2 RSTOUT NMI EA READY ALE RD WR/WRL Port 5 16-bit Port 6 8-bit Port 4 8-bit Port 3 15-bit Port 2 16-bit Port 1 16-bit Port 0 16-bit V DD VSS Port 7 8-bit Port 8 8-bit VAREF VAGND ST10R167 RPD |