Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM8074 Datasheet(PDF) 13 Page - Analog Devices

No. de pieza LTM8074
Descripción Electrónicos  40VIN, 1.2A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM8074 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM8074 Datasheet HTML 9Page - Analog Devices LTM8074 Datasheet HTML 10Page - Analog Devices LTM8074 Datasheet HTML 11Page - Analog Devices LTM8074 Datasheet HTML 12Page - Analog Devices LTM8074 Datasheet HTML 13Page - Analog Devices LTM8074 Datasheet HTML 14Page - Analog Devices LTM8074 Datasheet HTML 15Page - Analog Devices LTM8074 Datasheet HTML 16Page - Analog Devices LTM8074 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM8074
13
Rev. B
For more information www.analog.com
For most applications, the design process is straight-for-
ward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended, CIN, COUT, RFB and
RT values.
While these component combinations have been tested for
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions. Bear in mind that the maximum
output current is limited by junction temperature, the
APPLICATIONS INFORMATION
relationship between the input and output voltage mag-
nitude and polarity and other factors. Please refer to the
graphs in the Typical Performance Characteristics section
for guidance.
The maximum frequency (and attendant RT value) at
which the LTM8074 should be allowed to switch is given
in Table 1 in the Maximum fSW column, while the recom-
mended frequency (and RT value) for optimal efficiency
over the given input condition is given in the fSW column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
Table 1. Recommended Component Values and Configuration (TA = 25ºC)
VIN
VOUT
RFB
(kΩ)
CIN**
COUT
fSW
RT
(kΩ)
MAXIMUM
fSW
MIN RT
(kΩ)
3.2V to 40V
0.8
7500
0.47µF 50V X5R 0603
47µF 6.3V 0805 X5R
850kHz
48.7
950kHz
42.2
3.2V to 40V
1
866
0.47µF 50V X5R 0603
47µF 6.3V 0805 X5R
850kHz
48.7
1.1MHz
36.5
3.2V to 40V
1.2
453
1µF 50V X5R 0603
47µF 6.3V 0805 X5R
1MHz
40.2
1.3MHz
30.1
3.2V to 40V
1.5
267
1µF 50V X5R 0603
47µF 6.3V 0805 X5R
1MHz
40.2
1.5MHz
25.5
3.2V to 40V
1.8
187
1µF 50V X5R 0603
47µF 6.3V 0805 X5R
1MHz
40.2
1.7MHz
22.1
3.2V to 40V
2
158
1µF 50V X5R 0603
47µF 6.3V 0805 X5R
1.2MHz
33.2
1.8MHz
20.5
3.5V to 40V
2.5
110
1µF 50V X5R 0603
22µF 6.3V 0805 X5R
1.4MHz
27.4
2.2MHz
16.2
4.5V to 40V*
3.3
76.8
1µF 50V X5R 0603
10µF 10V 0805 X5R
1.5MHz
25.5
2.2MHz
16.2
7V to 40V*
5
45.3
1µF 50V X5R 0805
10µF 10V 0805 X5R
1.5MHz
25.5
2.2MHz
16.2
14V to 40V*
8
26.7
1µF 50V X5R 0805
10µF 10V 0805 X5R
1.7MHz
22.1
2.2MHz
16.2
21V to 40V*
12
17.4
1µF 50V X5R 0805
10µF 16V 0805 X7S
2MHz
18.2
2.2MHz
16.2
3.2V to 36V
–3.3
76.8
1µF 50V X5R 0603
10µF 10V 0805 X5R
1.5MHz
25.5
2.2MHz
16.2
3.2V to 35V
–5
45.3
1µF 50V X5R 0805
10µF 10V 0805 X5R
1.5MHz
25.5
2.2MHz
16.2
3.2V to 32V
–8
26.7
1µF 50V X5R 0805
10µF 10V 0805 X5R
1.7MHz
22.1
2.2MHz
16.2
4V to 28V
–12
17.4
1µF 50V X5R 0805
10µF 16V 0805 X7S
2MHz
18.2
2.2MHz
16.2
*The LTM8074 may be capable of lower input voltages but may skip switching cycles or reduce its operating frequency.
**An input bulk capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com