| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AVL3205613 Datasheet(PDF) 9 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
AVL3205613 Datasheet(HTML) 9 Page - Panasonic Semiconductor |
|
9 / 17 page ![]() AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches –9– AECTB10E 201601-T Roller lever ■ FS-T switches (Cross-line terminal type) 1) PC board terminal Pin plunger Short hinge lever Hinge lever 3.2 5.0 dia. NC NO C 5.15 ±0.4 2.5 max. 17.9 (OP) (PT) ±0.9 14.5 (OP) ±0.8 Pretravel PT, Max. 2.5mm Movement Differential MD, Max. 0.5mm Overtravel OT, Min. 0.8mm Operating Position OP Distance from mounting hole 14.5 ±0.8mm Distance from stand-off 17.9 ±0.9mm CAD Data 2) Solder terminal 3) .110 Quick-connect terminal 1.25 0.5 7.4 2.8 NC NO C ±0.15 3.4 ±0.2 ±0.1 1.5 1.1 6.4 5.2 4.0 19.8 15.4 8.7 ± 0.15 9.5 ± 0.1 ±0.15 ±0.3 ±0.12 ±0.12 1.85 ±0.2 ±0.2 3-1.2 dia. 2.8 -0.15 0 4.0 15.2 5.5 NC NO C ±0.1 7.1 ±0.15 ±0.15 ±0.15 ±0.05 ±0.1 6-C0.6 ±0.1 7.6 0.5 ±0.15 3.4 6.4 5.2 4.0 ±0.2 9.5 19.8 2.5 ±0.1 ±0.1 ±0.3 11.0 Note: Dimensions other than drawn above is same as self-standing PC board terminal. Note: Dimensions other than drawn above is same as self-standing PC board terminal. CAD Data CAD Data 6.4 3.2 7.0 1.2 0.5 16.1 8.8 19.8 NO NC C ±0.3 ±0.2 ±0.1 0.6 max. 2.4 9.5 7.6 4.0 8.4 (PT) 6.7 7.7 3.3 -0.05 +0.1 2.4 2.5 ±0.3 ±0.1 ±0.1 (OP) ±0.3 2.4 dia. +0.1 -0.05 PC board pattern 10.9 (Plunger position) 8.8±0.1 16.1±0.1 3-1.35 to 1.50 dia. Pretravel PT, Max. 0.6mm Movement Differential MD, Max. 0.1mm Overtravel OT, Min. 0.4mm Operating Position OP Distance from mounting hole 8.4 ±0.3mm Distance from stand-off 11.7 ±0.4mm CAD Data NO NC C 12.85 5.0 ±0.4 2.5 max. 4.0 (PT) 8.8 (OP) ±0.8 Pretravel PT, Max. 2.5mm Movement Differential MD, Max. 0.5mm Overtravel OT, Min. 0.8mm Operating Position OP Distance from mounting hole 8.8 ±0.8mm Distance from stand-off 12.1 ±0.9mm CAD Data NO NC C 7.15 ±0.4 2.8 max. 4.0 (PT) 8.8 (OP) ±0.8 12.85 Pretravel PT, Max. 2.8mm Movement Differential MD, Max. 0.8mm Overtravel OT, Min. 1.2mm Operating Position OP Distance from mounting hole 8.8 ±0.8mm Distance from stand-off 12.1 ±0.9mm CAD Data |