Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AVL32253 Datasheet(PDF) 5 Page - Panasonic Semiconductor

No. de pieza AVL32253
Descripción Electrónicos  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVL32253 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AVL32253 Datasheet HTML 1Page - Panasonic Semiconductor AVL32253 Datasheet HTML 2Page - Panasonic Semiconductor AVL32253 Datasheet HTML 3Page - Panasonic Semiconductor AVL32253 Datasheet HTML 4Page - Panasonic Semiconductor AVL32253 Datasheet HTML 5Page - Panasonic Semiconductor AVL32253 Datasheet HTML 6Page - Panasonic Semiconductor AVL32253 Datasheet HTML 7Page - Panasonic Semiconductor AVL32253 Datasheet HTML 8Page - Panasonic Semiconductor AVL32253 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–5–
AECTB10E 201601-T
■ FS type, Long life version (In-line terminal type)
1) AgNi alloy contact type
2) CuNi alloy + AgNi alloy + Au-clad triple layer contact type
3) CuNi alloy + Au-clad double layer contact type, for low-level circuit
Note: Other types of terminals are also available. When ordering, please refer to “ORDERING INFORMATION”.
■ FS-T Long life version (Cross-line terminal type)
1) AgNi alloy contact type
2) CuNi alloy + AgNi alloy + Au-clad triple layer contact type
3) CuNi alloy + Au-clad double layer contact type, for low-level circuit
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
Self-standing PC board terminal
.110 Quick-connect
Pin plunger
1.47N
AVM32053
AVM34053
AVM38053
Short hinge lever
0.59N
AVM32153
AVM34153
AVM38153
Hinge lever
0.54N
AVM32253
AVM34253
AVM38253
Long hinge lever
0.44N
AVM32353
AVM34353
AVM38353
Simulated roller lever
0.54N
AVM32453
AVM34453
AVM38453
Roller lever
0.59N
AVM32553
AVM34553
AVM38553
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
Self-standing PC board terminal
.110 Quick-connect
Pin plunger
1.47N
AVM3205613
AVM3405613
AVM3805613
Short hinge lever
0.59N
AVM3215613
AVM3415613
AVM3815613
Hinge lever
0.54N
AVM3225613
AVM3425613
AVM3825613
Long hinge lever
0.44N
AVM3235613
AVM3435613
AVM3835613
Simulated roller lever
0.54N
AVM3245613
AVM3445613
AVM3845613
Roller lever
0.59N
AVM3255613
AVM3455613
AVM3855613
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
Self-standing PC board terminal
.110 Quick-connect
Pin plunger
1.47N
AVM3205649
AVM3405649
AVM3805649
Short hinge lever
0.59N
AVM3215649
AVM3415649
AVM3815649
Hinge lever
0.54N
AVM3225649
AVM3425649
AVM3825649
Long hinge lever
0.44N
AVM3235649
AVM3435649
AVM3835649
Simulated roller lever
0.54N
AVM3245649
AVM3445649
AVM3845649
Roller lever
0.59N
AVM3255649
AVM3455649
AVM3855649
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
PC board terminal
.110 Quick-connect
Pin plunger
1.47N
AVL32053
AVL34053
AVL38053
Short hinge lever
0.59N
AVL32153
AVL34153
AVL38153
Hinge lever
0.54N
AVL32253
AVL34253
AVL38253
Long hinge lever
0.44N
AVL32353
AVL34353
AVL38353
Simulated roller lever
0.54N
AVL32453
AVL34453
AVL38453
Roller lever
0.59N
AVL32553
AVL34553
AVL38553
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
PC board terminal
.110 Quick-connect
Pin plunger
1.47N
AVL3205613
AVL3405613
AVL3805613
Short hinge lever
0.59N
AVL3215613
AVL3415613
AVL3815613
Hinge lever
0.54N
AVL3225613
AVL3425613
AVL3825613
Long hinge lever
0.44N
AVL3235613
AVL3435613
AVL3835613
Simulated roller lever
0.54N
AVL3245613
AVL3445613
AVL3845613
Roller lever
0.59N
AVL3255613
AVL3455613
AVL3855613
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
PC board terminal
.110 Quick-connect
Pin plunger
1.47N
AVL3205649
AVL3405649
AVL3805649
Short hinge lever
0.59N
AVL3215649
AVL3415649
AVL3815649
Hinge lever
0.54N
AVL3225649
AVL3425649
AVL3825649
Long hinge lever
0.44N
AVL3235649
AVL3435649
AVL3835649
Simulated roller lever
0.54N
AVL3245649
AVL3445649
AVL3845649
Roller lever
0.59N
AVL3255649
AVL3455649
AVL3855649



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com