Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADAPT/FMEF/FMEF Datasheet(PDF) 2 Page - Siretta Limited.

No. de pieza ADAPT/FMEF/FMEF
Descripción Electrónicos  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRETTA [Siretta Limited.]
Página de inicio  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEF/FMEF Datasheet(HTML) 2 Page - Siretta Limited.

  ADAPT/FMEF/FMEF Datasheet HTML 1Page - Siretta Limited. ADAPT/FMEF/FMEF Datasheet HTML 2Page - Siretta Limited. ADAPT/FMEF/FMEF Datasheet HTML 3Page - Siretta Limited. ADAPT/FMEF/FMEF Datasheet HTML 4Page - Siretta Limited. ADAPT/FMEF/FMEF Datasheet HTML 5Page - Siretta Limited. ADAPT/FMEF/FMEF Datasheet HTML 6Page - Siretta Limited. ADAPT/FMEF/FMEF Datasheet HTML 7Page - Siretta Limited. ADAPT/FMEF/FMEF Datasheet HTML 8Page - Siretta Limited. ADAPT/FMEF/FMEF Datasheet HTML 9Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
2
airCONNECT Antenna Mounting Styles
Siretta antennas started as a necessity – they say that necessity is the mother of
invention – so it was with Siretta and antennas. With many years of wireless knowledge and
‘know-how’ in designing Cellular and related wireless data modems and routers, having to
add antennas proved difficult. It’s somewhat a black art and we found very few suppliers
of antennas and those that there were did not know the ‘art’ and could not advise beyond
their ‘odd’ part number and a long lead time. Consequently, we grasped the nettle ten
years ago and set about ‘making life easier’ for us and our customers by designing our
own and understanding the performance of them. That’s the history of our antenna range
– probably the widest range – where the use and performance of each antennas is clear
and with test figures to demonstrate. We have also created a part number system that
describes each antenna accurately and is easily remembered.
‘An antenna is just a piece of wire….’ The notion that we find many people have is that
an antenna is just a convenient sized piece of wire in air. We would love that to be the case,
however the reality of wireless is that antennas have to conform to a set of physics suitable
to the application that they are to be used in. It is the understanding of the physics of what
is required in an antenna, coupled with the equipment it is to be used with, that needs
careful consideration before the overall equipment design is done.
Why doesn’t my antenna work well?? - this is a very common question for us and
as the ‘black art’ that it is the reasons could be manifold. But central to the question is
generally a few considerations that will ensure the right type of antenna is used for the
design – or modification of the design to accommodate the limitations or characteristics of
the chosen antenna.
Our success in Antenna design and supply is the unbeatable combination of advising
customers on antenna selection or customized antenna design and how to use them – and
also offering volume supply via our distributors at an unbeatable price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76