| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52811-QCAA-R Datasheet(PDF) 162 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R Datasheet(HTML) 162 Page - Nordic Semiconductor |
|
162 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E D C B Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Enabled 1 Read: Enabled 6.12.5.12 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E D C B Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description B RW STOPPED Write '1' to disable interrupt for event STOPPED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C-D RW SEQSTARTED[i] (i=0..1) Write '1' to disable interrupt for event SEQSTARTED[i] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E-F RW SEQEND[i] (i=0..1) Write '1' to disable interrupt for event SEQEND[i] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW PWMPERIODEND Write '1' to disable interrupt for event PWMPERIODEND Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW LOOPSDONE Write '1' to disable interrupt for event LOOPSDONE Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.12.5.13 ENABLE Address offset: 0x500 PWM module enable register Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW ENABLE Enable or disable PWM module Disabled 0 Disabled Enabled 1 Enable 6.12.5.14 MODE Address offset: 0x504 Selects operating mode of the wave counter 4454_140 v1.0 162 |