| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52811-QCAA-R Datasheet(PDF) 161 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R Datasheet(HTML) 161 Page - Nordic Semiconductor |
|
161 / 444 page ![]() Peripherals 6.12.5.10 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E D C B Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description B RW STOPPED Enable or disable interrupt for event STOPPED Disabled 0 Disable Enabled 1 Enable C-D RW SEQSTARTED[i] (i=0..1) Enable or disable interrupt for event SEQSTARTED[i] Disabled 0 Disable Enabled 1 Enable E-F RW SEQEND[i] (i=0..1) Enable or disable interrupt for event SEQEND[i] Disabled 0 Disable Enabled 1 Enable G RW PWMPERIODEND Enable or disable interrupt for event PWMPERIODEND Disabled 0 Disable Enabled 1 Enable H RW LOOPSDONE Enable or disable interrupt for event LOOPSDONE Disabled 0 Disable Enabled 1 Enable 6.12.5.11 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID H G F E D C B Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description B RW STOPPED Write '1' to enable interrupt for event STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C-D RW SEQSTARTED[i] (i=0..1) Write '1' to enable interrupt for event SEQSTARTED[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E-F RW SEQEND[i] (i=0..1) Write '1' to enable interrupt for event SEQEND[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW PWMPERIODEND Write '1' to enable interrupt for event PWMPERIODEND Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW LOOPSDONE Write '1' to enable interrupt for event LOOPSDONE Set 1 Enable Disabled 0 Read: Disabled 4454_140 v1.0 161 |