| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52810-QCAA-R Datasheet(PDF) 151 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R Datasheet(HTML) 151 Page - Nordic Semiconductor |
|
151 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description T R PIN19 Pin 19 Low 0 Pin input is low High 1 Pin input is high U R PIN20 Pin 20 Low 0 Pin input is low High 1 Pin input is high V R PIN21 Pin 21 Low 0 Pin input is low High 1 Pin input is high W R PIN22 Pin 22 Low 0 Pin input is low High 1 Pin input is high X R PIN23 Pin 23 Low 0 Pin input is low High 1 Pin input is high Y R PIN24 Pin 24 Low 0 Pin input is low High 1 Pin input is high Z R PIN25 Pin 25 Low 0 Pin input is low High 1 Pin input is high a R PIN26 Pin 26 Low 0 Pin input is low High 1 Pin input is high b R PIN27 Pin 27 Low 0 Pin input is low High 1 Pin input is high c R PIN28 Pin 28 Low 0 Pin input is low High 1 Pin input is high d R PIN29 Pin 29 Low 0 Pin input is low High 1 Pin input is high e R PIN30 Pin 30 Low 0 Pin input is low High 1 Pin input is high f R PIN31 Pin 31 Low 0 Pin input is low High 1 Pin input is high 6.8.2.5 DIR Address offset: 0x514 Direction of GPIO pins 4430_161 v1.0 151 |