Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NRF52810-QCAA-R Datasheet(PDF) 73 Page - Nordic Semiconductor

No. de pieza NRF52810-QCAA-R
Descripción Electrónicos  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NORDIC [Nordic Semiconductor]
Página de inicio  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 73 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 69Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 70Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 71Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 72Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 73Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 74Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 75Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 76Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 77Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 483 page
background image
Power and clock management
RAM1 power control set register
When read, this register will return the value of the POWER register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D C
B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
W S0POWER
Keep RAM section S0 of RAM1 on or off in System ON mode
On
1
On
B
W S1POWER
Keep RAM section S1 of RAM1 on or off in System ON mode
On
1
On
C
W S0RETENTION
Keep retention on RAM section S0 when RAM section is
switched off
On
1
On
D
W S1RETENTION
Keep retention on RAM section S1 when RAM section is
switched off
On
1
On
5.3.9.14 RAM[1].POWERCLR
Address offset: 0x918
RAM1 power control clear register
When read, this register will return the value of the POWER register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D C
B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
W S0POWER
Keep RAM section S0 of RAM1 on or off in System ON mode
Off
1
Off
B
W S1POWER
Keep RAM section S1 of RAM1 on or off in System ON mode
Off
1
Off
C
W S0RETENTION
Keep retention on RAM section S0 when RAM section is
switched off
Off
1
Off
D
W S1RETENTION
Keep retention on RAM section S1 when RAM section is
switched off
Off
1
Off
5.3.9.15 RAM[2].POWER
Address offset: 0x920
RAM2 power control register
4430_161 v1.0
73