| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52810-QFAA-R Datasheet(PDF) 402 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Datasheet(HTML) 402 Page - Nordic Semiconductor |
|
402 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A Reset 0x000000E2 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 1 0 Id RW Field Value Id Value Description A RW T0 End point of 1st piece wise linear function 6.21.1.17 T1 Address offset: 0x564 End point of 2nd piece wise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW T1 End point of 2nd piece wise linear function 6.21.1.18 T2 Address offset: 0x568 End point of 3rd piece wise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A Reset 0x00000019 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 1 Id RW Field Value Id Value Description A RW T2 End point of 3rd piece wise linear function 6.21.1.19 T3 Address offset: 0x56C End point of 4th piece wise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A Reset 0x0000003C 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 Id RW Field Value Id Value Description A RW T3 End point of 4th piece wise linear function 6.21.1.20 T4 Address offset: 0x570 End point of 5th piece wise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A Reset 0x00000050 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 Id RW Field Value Id Value Description A RW T4 End point of 5th piece wise linear function 4430_161 v1.0 402 |