| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52810-QFAA-R Datasheet(PDF) 401 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Datasheet(HTML) 401 Page - Nordic Semiconductor |
|
401 / 483 page ![]() Peripherals 6.21.1.12 B2 Address offset: 0x548 y-intercept of 3rd piece wise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A Reset 0x00003FBE 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 1 1 1 1 1 0 Id RW Field Value Id Value Description A RW B2 y-intercept of 3rd piece wise linear function 6.21.1.13 B3 Address offset: 0x54C y-intercept of 4th piece wise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A Reset 0x00000012 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 Id RW Field Value Id Value Description A RW B3 y-intercept of 4th piece wise linear function 6.21.1.14 B4 Address offset: 0x550 y-intercept of 5th piece wise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A Reset 0x00000124 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 0 1 0 0 Id RW Field Value Id Value Description A RW B4 y-intercept of 5th piece wise linear function 6.21.1.15 B5 Address offset: 0x554 y-intercept of 6th piece wise linear function Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A Reset 0x0000027C 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 1 1 1 0 0 Id RW Field Value Id Value Description A RW B5 y-intercept of 6th piece wise linear function 6.21.1.16 T0 Address offset: 0x560 End point of 1st piece wise linear function 4430_161 v1.0 401 |