| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
20135 Datasheet(PDF) 4 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
20135 Datasheet(HTML) 4 Page - Wiha Tools |
|
4 / 44 page ![]() Wiha Insulated Open-End Wrenches 14 Piece Insulated Inch Open End Wrench Set Item OAL OAL No. Inch Inch Inch Inch lbs. 5/16 3.9 3/4 7.0 5.70 3/8 4.1 13/16 7.5 7/16 4.6 7/8 7.6 1/2 5.5 15/16 7.9 9/16 5.7 1 8.4 5/8 6.2 1-1/16 9.2 11/16 6.5 1-1/8 9.1 1000Volt Steel Forged from chrome vanadium, meets - DIN 3110 Angled 15O Insulation High visibility, grip is double coated Insulation Test Standards: Insulation according to ASTM F-1505-01, EN/IEC 60900, VDE 0680, DIN 7446 and CSA Each tool individually tested to 10,000 volts and certified to 1000 Volt ac or 1500 Volt dc 1000V 15 Piece Insulated Metric Open End Wrench Set Item OAL OAL No. mm mm mm mm lbs. 6.0 97 14 150 3.0 7.0 98 15 151 8.0 104 16 164 9.0 108 17 162 10.0 107 19 178 11.0 118 22 196 12.0 129 24 211 13.0 137 1000Volt 8 Piece Insulated Inch Open End Wrench Set Item OAL OAL No. Inch Inch Inch Inch lbs. 5/16 3.9 9/16 5.7 1.59 3/8 4.1 5/8 6.2 7/16 4.6 11/16 6.5 1/2 5.5 3/4 7.0 1000Volt 8 Piece Insulated Metric Open End Wrench Set Item OAL OAL No. mm mm mm mm lbs. 6.0 97 13.0 137 1.4 7.0 98 14.0 150 8.0 104 17.0 162 10.0 107 19.0 178 1000Volt 4 20190 20190 20192 20192 20091 20091 20093 20093 SHOP SHOP SHOP SHOP Toll Free: (800) 494-6104 |