Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0012421 Datasheet(PDF) 3 Page - Lapp.

No. de pieza 0012421
Descripción Electrónicos  ÖLFLEX® EB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LAPP [Lapp.]
Página de inicio  https://e.lapp.com/us/
Logo LAPP - Lapp.

0012421 Datasheet(HTML) 3 Page - Lapp.

  0012421 Datasheet HTML 1Page - Lapp. 0012421 Datasheet HTML 2Page - Lapp. 0012421 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Article number
Number of cores and mm² per
conductor
Outer diameter [mm]
Copper index (kg/km)
Weight (kg/km)
ÖLFLEX® EB without protective conductor GN/YE
0012420
2 X 0.75
5.4
14.7
50
0012421
3 X 0.75
5.7
22.1
60
0012430
4 X 0.75
6.2
29.4
81
0012422
5 X 0.75
6.7
36.8
88
0012423
7 X 0.75
7.3
51.5
115
0012425
12 X 0.75
9.9
88.2
185
0012427
18 X 0.75
11.7
132.3
282
0012429
25 X 0.75
13.8
183.8
393
0012440
2 X 1
5.7
19.7
57
0012441
3 X 1
6
29.6
73
0012443
5 X 1
7.1
49.4
105
0012444
7 X 1
8
69.1
138
0012446
12 X 1
10.5
118.4
231
0012448
18 X 1
12.7
177.7
331
0012401
2 X 1.5
6.3
29
80
0012402
3 X 1.5
6.7
43
105
0012403
4 X 1.5
7.2
58
125
0012404
5 X 1.5
8.1
72
139
ÖLFLEX® EB with protective conductor GN/YE
0012501
3 G 1.5
6.7
43
105
0012502
4 G 1.5
7.2
58
125
0012503
5 G 1.5
8.1
72
139
0012504
7 G 1.5
8.9
101
180
0012505
12 G 1.5
12
173
339
0012506
18 G 1.5
14.4
259
513
0012507
25 G 1.5
16.9
360
698



Html Pages

1 2 3