| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
36780 Datasheet(PDF) 37 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36780 Datasheet(HTML) 37 Page - Wiha Tools |
|
37 / 44 page ![]() 37 www.wihatools.com Long Flexible Shaft Nut Drivers, SoftFinish® Handle - Ergonomic Cushion Grip Long Flexible Shaft Nut Driver, With Wiha-SoftFinish® Handle Inch sizes. Heavy Duty flexible shaft of braided steel with protective sleeve. Hardened mounted socket for optimal torque. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Inch Inch mm mm Inch mm Inch lbs. pkg. 37220 3/16 5.9 150 261 10.2 30 1.18 .30 1 37222 1/4 5.9 150 261 10.2 36 1.42 .42 1 37226 3/8 6.9 175 261 10.2 36 1.42 .44 1 37228 7/16 6.9 175 261 10.2 41 1.61 .44 1 37230 1/2 6.9 175 261 10.2 41 1.61 .44 1 372 Long Flexible Shaft Nut Driver, With Wiha-SoftFinish® Handle Metric sizes. Heavy Duty flexible shaft of braided steel with protective sleeve. Hardened mounted socket for optimal torque. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. mm mm Inch mm Inch mm Inch lbs. pkg. 37235 5.0 150 5.9 261 10.2 30 1.18 .16 1 37236 5.5 150 5.9 261 10.2 30 1.18 .16 1 37237 6.0 150 5.9 261 10.2 30 1.18 .17 1 37238 7.0 150 5.9 261 10.2 36 1.42 .28 1 37239 8.0 150 5.9 261 10.2 36 1.42 .28 1 37241 10.0 175 6.9 261 10.2 41 1.61 .44 1 37244 13.0 175 6.9 261 10.2 41 1.61 .44 1 372 7 Piece Flexible Shaft Nut Driver Set, Metric Sizes Item No. mm mm mm mm lbs. 37291 5.0 150 8.0 150 1.93 5.5 150 10.0 175 6.0 150 13.0 175 7.0 150 37291 6 Piece Flexible Shaft Nut Driver Set, Inch Sizes Item No. Inch Inch Inch Inch lbs. 37290 3/16 5.9 3/8 6.9 2.50 1/4 5.9 7/16 6.9 5/16 5.9 1/2 6.9 37290 7 Piece Hollow Shaft Nut Driver Set Inch Sizes Item No. Inch Inch Inch Inch lbs. 34390 3/16 2.75 3/8 2.75 1.55 1/4 2.75 7/16 2.75 5/16 2.75 1/2 2.75 11/32 2.75 34390 Hollow Shaft Nut Driver-Wiha-SoftFinish® Handle Inch sizes Item No. Inch Inch mm mm Inch mm Inch lbs. pkg. 34336 3/16 2.75 70 175 7.0 30 1.18 .18 10 34338 1/4 2.75 70 175 7.0 30 1.18 .24 10 34339 5/16 2.75 70 175 7.0 36 1.42 .25 10 34340 11/32 2.75 70 182 7.5 36 1.42 .25 10 34341 3/8 2.75 70 182 7.5 36 1.42 .26 10 34342 7/16 2.75 70 187 7.6 41 1.61 .38 10 34343 1/2 2.75 70 187 7.6 41 1.61 .40 10 343 Wiha SoftFinish® Inch Nut Drivers - Hollow Shaft Inch Color Coded To Size |